| Electronic Components Datasheet Search |
|
ST72344S4 Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S4 Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 247 page ![]() Supply, reset and clock management ST72344xx, ST2345xx 48/247 Doc ID 12321 Rev 6 7.5.4 Internal low-voltage detector (LVD) reset Two different reset sequences caused by the internal LVD circuitry can be distinguished: ● Power-on reset ● Voltage-drop reset The device RESET pin acts as an output that is pulled low when VDD<VIT+ (rising edge) or VDD<VIT- (falling edge) as shown in Figure 17. The LVD filters spikes on VDD larger than tg(VDD) to avoid parasitic resets. Note: It is recommended to make sure that the VDD supply voltage rises monotonously when the device is exiting from Reset, to ensure the application functions properly. 7.5.5 Internal watchdog reset The reset sequence generated by a internal Watchdog counter overflow is shown in Figure 17. Starting from the Watchdog counter underflow, the device RESET pin acts as an output that is pulled low during at least tw(RSTL)out. Figure 17. Reset sequences 7.6 System integrity management (SI) The system integrity management block contains the low-voltage detector (LVD) and auxiliary-voltage detector (AVD) functions. It is managed by the SICSR register. Note: A reset can also be triggered following the detection of an illegal opcode or prebyte code. Refer to Section 12.2.1: Illegal opcode reset for further details. VDD Run RESET PIN EXTERNAL WATCHDOG ACTIVE PHASE VIT+(LVD) VIT-(LVD) th(RSTL)in tw(RSTL)out Run th(RSTL)in ACTIVE WATCHDOG UNDERFLOW tw(RSTL)out Run Run Run RESET RESET SOURCE SHORT EXT. RESET LVD RESET LONG EXT. RESET WATCHDOG RESET INTERNAL RESET (256 or 4096 TCPU) VECTOR FETCH tw(RSTL)out PHASE ACTIVE PHASE ACTIVE PHASE DELAY |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |