Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344S4 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 45Page - STMicroelectronics ST72344S4 Datasheet HTML 46Page - STMicroelectronics ST72344S4 Datasheet HTML 47Page - STMicroelectronics ST72344S4 Datasheet HTML 48Page - STMicroelectronics ST72344S4 Datasheet HTML 49Page - STMicroelectronics ST72344S4 Datasheet HTML 50Page - STMicroelectronics ST72344S4 Datasheet HTML 51Page - STMicroelectronics ST72344S4 Datasheet HTML 52Page - STMicroelectronics ST72344S4 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 247 page
background image
ST72344xx, ST2345xx
Supply, reset and clock management
Doc ID 12321 Rev 6
49/247
7.6.1
Low-voltage detector (LVD)
The low-voltage detector function (LVD) generates a static reset when the VDD supply
voltage is below a VIT- reference value. This means that it secures the power-up as well as
the power-down keeping the ST7 in reset.
The VIT- reference value for a voltage drop is lower than the VIT+ reference value for power-
on, in order to avoid a parasitic reset when the MCU starts running and sinks current on the
supply (hysteresis).
The LVD Reset circuitry generates a reset when VDD is below:
VIT+ when VDD is rising
VIT- when VDD is falling
The LVD function is illustrated in Figure 18.
The LVD is an optional function which can be selected by option byte.
Note:
LVD threshold configuration: the voltage threshold can be configured by option byte to be
low, medium or high. The configuration should be chosen depending on the fOSC and VDD
parameters in the application. When correctly configured, the LVD ensures safe power-on
and power-off conditions for the microcontroller without using any external components.
To determine which LVD thresholds to use:
Define the minimum operating voltage for the application VAPP(min).
Refer to Section 13: Electrical characteristics to get the minimum operating voltage for
the MCU at the application frequency VDD(min).
Select the LVD threshold that ensures that the internal reset is released at VAPP(min)
and activated at VDD(MCUmin).
During a low-voltage detector reset, the RESET pin is held low, thus permitting the MCU to
reset other devices.
Figure 18.
Low voltage detector vs. reset
7.6.2
Auxiliary-voltage detector (AVD)
The AVD is used to provide the application with an early warning of a drop in voltage. If
enabled, an interrupt can be generated allowing software to shut down safely before the LVD
resets the microcontroller. See Figure 19.
Note:
The AVD function is active only if the LVD is enabled through the option byte (see
Section 15.1: Option bytes). The activation level of the AVD is fixed at around 0.5 mV above
the selected LVD threshold.
VDD
VIT+(LVD)
RESET
VIT-((LVD)
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com