Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F048C6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F048C6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048C6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F048C6 Datasheet HTML 48Page - STMicroelectronics STM32F048C6 Datasheet HTML 49Page - STMicroelectronics STM32F048C6 Datasheet HTML 50Page - STMicroelectronics STM32F048C6 Datasheet HTML 51Page - STMicroelectronics STM32F048C6 Datasheet HTML 52Page - STMicroelectronics STM32F048C6 Datasheet HTML 53Page - STMicroelectronics STM32F048C6 Datasheet HTML 54Page - STMicroelectronics STM32F048C6 Datasheet HTML 55Page - STMicroelectronics STM32F048C6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
Electrical characteristics
STM32F048C6 STM32F048G6 STM32F048T6
52/98
DocID026007 Rev 6
APB
APB-Bridge(2)
2.9
µA/MHz
ADC(3)
3.9
CEC
1.5
CRS
1.0
DBG (MCU Debug Support)
0.2
I2C1
3.6
PWR
1.4
SPI1
8.5
SPI2
6.1
SYSCFG
1.8
TIM1
15.1
TIM2
16.8
TIM3
11.7
TIM14
5.5
TIM16
7.0
TIM17
6.9
USART1
17.8
USART2
5.6
USB
4.9
WWDG
1.4
All APB peripherals
123.8
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The APB Bridge is automatically active when at least one peripheral is ON on the Bus.
3. The power consumption of the analog part (IDDA) of peripherals such as ADC is not included. Refer to the
tables of characteristics in the subsequent sections.
Table 29. Peripheral current consumption (continued)
Peripheral
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com