Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F048C6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F048C6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048C6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F048C6 Datasheet HTML 42Page - STMicroelectronics STM32F048C6 Datasheet HTML 43Page - STMicroelectronics STM32F048C6 Datasheet HTML 44Page - STMicroelectronics STM32F048C6 Datasheet HTML 45Page - STMicroelectronics STM32F048C6 Datasheet HTML 46Page - STMicroelectronics STM32F048C6 Datasheet HTML 47Page - STMicroelectronics STM32F048C6 Datasheet HTML 48Page - STMicroelectronics STM32F048C6 Datasheet HTML 49Page - STMicroelectronics STM32F048C6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
Electrical characteristics
STM32F048C6 STM32F048G6 STM32F048T6
46/98
DocID026007 Rev 6
Table 24. Typical and maximum current consumption from the VDDA supply
Symbol
Para-
meter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from
Flash
memory
or RAM
HSI48
48 MHz
308
325
330
340
316
332
338
347
µA
HSE
bypass,
PLL on
48 MHz
147
166
176
180
160
179
191
195
32 MHz
101
118
123
125
109
126
132
135
24 MHz
79
94
98
100
86
100
104
106
HSE
bypass,
PLL off
8 MHz
1
3
3
3
2
3
3
4
1 MHz
1
2
2
2
2
2
3
3
HSI clock,
PLL on
48 MHz
219
239
250
254
240
260
272
276
32 MHz
172
191
198
201
190
207
215
218
24 MHz
150
167
172
174
165
181
187
189
HSI clock,
PLL off
8 MHz
71
79
81
82
81
89
91
92
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.
Table 25. Typical and maximum consumption in Stop mode
Symbol Parameter
Conditions
Typ. @ VDD = 1.8 V
Max
Unit
IDD
Supply
current in
Stop mode
All oscillators OFF
0.4
2.3
14.9
35.6
µA
IDDA
1.0
1.0
1.0
1.0
1.1
1.1
1.2
1.5
2.6
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com