Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F048C6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F048C6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048C6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F048C6 Datasheet HTML 44Page - STMicroelectronics STM32F048C6 Datasheet HTML 45Page - STMicroelectronics STM32F048C6 Datasheet HTML 46Page - STMicroelectronics STM32F048C6 Datasheet HTML 47Page - STMicroelectronics STM32F048C6 Datasheet HTML 48Page - STMicroelectronics STM32F048C6 Datasheet HTML 49Page - STMicroelectronics STM32F048C6 Datasheet HTML 50Page - STMicroelectronics STM32F048C6 Datasheet HTML 51Page - STMicroelectronics STM32F048C6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
Electrical characteristics
STM32F048C6 STM32F048G6 STM32F048T6
48/98
DocID026007 Rev 6
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 47: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
Table 27. Typical current consumption, code executing from Flash memory,
running from HSE 8 MHz crystal
Symbol
Parameter
fHCLK
Typical consumption in
Run mode
Typical consumption in
Sleep mode
Unit
Peripherals
enabled
Peripherals
disabled
Peripherals
enabled
Peripherals
disabled
IDD
Current
consumption
from VDD
supply
48 MHz
19.8
12.0
11.5
3.1
mA
36 MHz
15.0
9.3
8.7
2.6
32 MHz
13.5
8.4
7.8
2.4
24 MHz
10.2
6.5
6.0
1.8
16 MHz
7.1
4.6
4.2
1.4
8 MHz
3.9
2.6
2.3
0.8
4 MHz
2.3
1.5
1.3
0.5
2 MHz
1.4
1.0
0.9
0.5
1 MHz
1.0
0.8
0.6
0.4
500 kHz
0.8
0.6
0.5
0.4
IDDA
Current
consumption
from VDDA
supply
48 MHz
146
μA
36 MHz
115
32 MHz
105
24 MHz
83
16 MHz
61
8 MHz
1
4 MHz
1
2 MHz
1
1 MHz
1
500 kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com