Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7252 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7252 Datasheet HTML 1Page - Anpec Electronics Coropration APW7252 Datasheet HTML 2Page - Anpec Electronics Coropration APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High Efficiency Power Supply for Small Size Display
Features
General Description
•
Two Outputs:
-+5V (APW7252A)
-+5.2V (APW7252B)
•
Wide Input Voltage from 2.5V to 5.5V
•
>82% Efficiency with 12mA Load Between OUTP
and OUTN
•
Fully Integrated MOSFETs for Synchronous
Rectification
•
Integrated Compensation and Feedback Circuits
•
I2C Adjustable Output Voltages
•
1uA Shutdown Supply Current
•
Programmable Active Discharge
•
WLCSP1.92x1.28-15 Package
•
Lead Free Green Devices Available (RoHS
Compliant)
The APW7252 is boost architecture IC and the major pro-
viding to positive and negative voltage output driven. The
APW7252 is synchronize boost IC and also synchronize
charge pump output driven. The APW7252 has simply
circuit application, only providing input supply
¡Boutput
supply
¡Bpositive voltage and negative voltage capacitor.
That
¡¦s advantage cost, cheap and simple scheme. The
APW 7252 is available in W LCSP 1.92x1.28-15 ball
Packages.
Applications
•
Smart Phone
•
Portable Device
Simplified Application Circuit
CFLY1
VIN
SW
2.5V~5.5V
Input
4.7µF
2.2
µH
PGND
CFLY2
OUTN
4.7
µF
REG
2.2
µF
4.7
µF
4V~6V
Output
4.7
µF
OUTP
APW7252
ENN
ENP
SCL
SDA
I
2C
control
Enable/
Disable
-4V~-6V
Output
AGND


Similar Part No. - APW7252

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
APW7251A ANPEC-APW7251A Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
More results

Similar Description - APW7252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1565 MAXIM-MAX1565 Datasheet
512Kb / 26P
Small, High-Efficiency, Five-Channel Digital Still Camera Power Supply
19-2712; Rev 0; 1/03
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
Murata Manufacturing Co...
MYGTM0242EBZF MURATA-MYGTM0242EBZF Datasheet
658Kb / 14P
High efficiency and small size have been achieved
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
High Efficiency Power Supply for Small Size Displays
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
logo
Renesas Technology Corp
ISL98607 RENESAS-ISL98607 Datasheet
1Mb / 29P
High Efficiency Power Supply for Small Size Displays
Jun.3.19
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com