Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7252 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7252 Datasheet HTML 1Page - Anpec Electronics Coropration APW7252 Datasheet HTML 2Page - Anpec Electronics Coropration APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Note1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
S ymbol
Pa ram ete r
Typica l Value
Unit
θJA
Ju nctio n-to-Ambi ent Resistance in fre e a ir (Note 2 )
76.5
o
C/W
θ
JC
Ju nctio n-to-Case (top) Resistance in free air
0 .2
o
C/W
Symbol
Param eter
Rating
Unit
VREG, VCFLY1 VOUTP
REG, CFLY1, OUTP to GND Vo ltag e
-0 .3 ~ 7
V
VOUTN, V CFLY2
OUTN to GND Vo ltag e
+0.3 ~ -7
V
VVIN, V SCL, V SDA, VENN, V ENP
VIN, SCL, SDA/FAULT, ENN, ENP to G ND Volta ge
-0 .3 ~ 7
V
VSW
SW to G ND Voltage
-0.3 ~ V REG+ 0.3
V
Human B ody Mod el
2
kV
Charg ed Device Mod el
500
V
Latch Up
100
mA
TJ
Maximum Ju nctio n Tempe rature
150
o
C
TSTG
Storage Tempe rature
- 65 ~ 150
o
C
TSDR
Maximum Lead S olde ring Te mp erature( 10 Secon ds)
260
o
C
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
S ymbol
Pa ram eter
Ra nge
Unit
V VIN
VIN to GND Voltage
2 .5 ~ 5.5
V
VSDA, VENN, VENP VIN, SCL, S DA , ENN, ENP to GND Voltage
0 ~ 5 .5
V
IOUT
Output Curren t between OUTP and O UTN
0 ~40
mA
TA
Ambie nt Tempera tur e
- 40 ~ 85
o C
T
J
Ju nctio n Temp erature
-40 ~ 1 25
o C
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com