Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7252 Datasheet(PDF) 23 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 23 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 16Page - Anpec Electronics Coropration APW7252 Datasheet HTML 17Page - Anpec Electronics Coropration APW7252 Datasheet HTML 18Page - Anpec Electronics Coropration APW7252 Datasheet HTML 19Page - Anpec Electronics Coropration APW7252 Datasheet HTML 20Page - Anpec Electronics Coropration APW7252 Datasheet HTML 21Page - Anpec Electronics Coropration APW7252 Datasheet HTML 22Page - Anpec Electronics Coropration APW7252 Datasheet HTML 23Page - Anpec Electronics Coropration APW7252 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
23
Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-120 seconds
Average ramp-up rate
(Tsmax to TP)
3
°C/second max.
3
°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak package body Temperature
(Tp)*
See Classification Temp in table 1
See Classification Temp in table 2
Time (tP)** within 5
°C of the specified
classification temperature (Tc)
20** seconds
30** seconds
Average ramp-down rate (Tp to Tsmax)
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile Temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Table 2. Pb-free Process
– Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260
°C
260
°C
260
°C
1.6 mm
– 2.5 mm
260
°C
250
°C
245
°C
≥2.5 mm
250
°C
245
°C
245
°C
Table 1. SnPb Eutectic Process
– Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
235
°C
220
°C
≥2.5 mm
220
°C
220
°C
Test item
Method
Description
SOLDERABILITY
JESD-22, B102
5 Sec, 245
°C
HOLT
JESD-22, A108
1000 Hrs, Bias @ Tj=125
°C
PCT
JESD-22, A102
168 Hrs, 100
%RH, 2atm, 121°C
TCT
JESD-22, A104
500 Cycles, -65
°C~150°C
HBM
MIL-STD-883-3015.7
VHBM≧2KV
MM
JESD-22, A115
VMM≧200V
Latch-Up
JESD 78
10ms, 1tr≧100mA
Reliability Test Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com