Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F328C8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 6Page - STMicroelectronics STM32F328C8 Datasheet HTML 7Page - STMicroelectronics STM32F328C8 Datasheet HTML 8Page - STMicroelectronics STM32F328C8 Datasheet HTML 9Page - STMicroelectronics STM32F328C8 Datasheet HTML 10Page - STMicroelectronics STM32F328C8 Datasheet HTML 11Page - STMicroelectronics STM32F328C8 Datasheet HTML 12Page - STMicroelectronics STM32F328C8 Datasheet HTML 13Page - STMicroelectronics STM32F328C8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
Description
STM32F328C8
10/109
DocID026351 Rev 3
Table 1. STM32F328C8 family device features and peripherals count
Peripheral
STM32F328C8
Flash (Kbytes)
64
SRAM on data bus (Kbytes)
12
Core coupled memory SRAM on instruction bus
(CCM SRAM) (Kbytes)
4
Timers
Advanced control
1 (16-bit)
General purpose
4 (16-bit)
1 (32 bit)
Basic
2 (16-bit)
SysTick timer
1
Watchdog timers
(independent, window)
2
PWM channels (all)(1)
1. This total considers also the PWMs generated on the complementary output channels.
22
PWM channels (except
complementary)
16
Comm. interfaces
SPI
1
I2C1
USART
3
CAN
1
GPIOs
Normal I/Os (TC, TTa)
19
5-Volt tolerant I/Os
(FT,FTf)
17
Capacitive sensing channels
17
DMA channels
7
12-bit ADCs
Number of channels
2
14
12-bit DAC channels
3
Ultra-fast analog comparator
3
Operational amplifiers
1
CPU frequency
72 MHz
Operating voltage
VDD = 1.8 V +/- 8%
, VDDA = 1.65 V to 3.6 V
Operating temperature
Ambient operating temperature: - 40
to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com