Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L15XCC Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L15XCC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15XCC Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L15XCC Datasheet HTML 58Page - STMicroelectronics STM32L15XCC Datasheet HTML 59Page - STMicroelectronics STM32L15XCC Datasheet HTML 60Page - STMicroelectronics STM32L15XCC Datasheet HTML 61Page - STMicroelectronics STM32L15XCC Datasheet HTML 62Page - STMicroelectronics STM32L15XCC Datasheet HTML 63Page - STMicroelectronics STM32L15XCC Datasheet HTML 64Page - STMicroelectronics STM32L15XCC Datasheet HTML 65Page - STMicroelectronics STM32L15XCC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
Electrical characteristics
STM32L151xC STM32L152xC
62/136
DocID022799 Rev 12
Table 19. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK
up to 16 MHz,
included
fHSE = fHCLK/2 above
16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V VOS[1:0]
= 11
1 MHz
185
240
µA
2 MHz
345
410
4 MHz
645
880(3)
Range 2,
VCORE=1.5 V VOS[1:0]
= 10
4 MHz
0.755
1.4
mA
8 MHz
1.5
2.1
16 MHz
33.5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
1.8
2.8
16 MHz
3.6
4.1
32 MHz
7.15
8.3
HSI clock source (16
MHz)
Range 2,
VCORE=1.5 V VOS[1:0]
= 10
16 MHz
2.95
3.5
Range 1,
VCORE=1.8 V VOS[1:0]
= 01
32 MHz
7.15
8.4
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V VOS[1:0]
= 11
65 kHz
38.5
85
µA
MSI clock, 524 kHz
524 kHz
110
160
MSI clock, 4.2 MHz
4.2 MHz
690
810
1.
Guaranteed by characterization results, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com