Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L15XCC Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32L15XCC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15XCC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L15XCC Datasheet HTML 65Page - STMicroelectronics STM32L15XCC Datasheet HTML 66Page - STMicroelectronics STM32L15XCC Datasheet HTML 67Page - STMicroelectronics STM32L15XCC Datasheet HTML 68Page - STMicroelectronics STM32L15XCC Datasheet HTML 69Page - STMicroelectronics STM32L15XCC Datasheet HTML 70Page - STMicroelectronics STM32L15XCC Datasheet HTML 71Page - STMicroelectronics STM32L15XCC Datasheet HTML 72Page - STMicroelectronics STM32L15XCC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
DocID022799 Rev 12
69/136
STM32L151xC STM32L152xC
Electrical characteristics
109
Table 25. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] =
01
Range 2,
VCORE=
1.5 V
VOS[1:0] =
10
Range 3,
VCORE=
1.2 V
VOS[1:0] =
11
Low-power
sleep and
run
APB1
TIM2
11.2
8.9
7.0
8.9
µA/MHz
(fHCLK)
TIM3
11.2
9.0
7.1
9.0
TIM4
12.9
10.4
8.2
10.4
TIM5
14.4
11.5
9.0
11.5
TIM6
4.0
3.1
2.4
3.1
TIM7
3.8
3.0
2.3
3.0
LCD
5.8
4.6
3.6
4.6
WWDG
2.9
2.3
1.8
2.3
SPI2
6.5
5.2
4.1
5.2
SPI3
5.9
4.6
3.6
4.6
USART2
8.8
7.0
5.5
7.0
USART3
8.4
6.8
5.3
6.8
I2C1
7.3
5.8
4.6
5.8
I2C2
7.9
6.3
5.0
6.3
USB
13.3
10.6
8.3
10.6
PWR
2.8
2.2
1.8
2.2
DAC
6.1
4.9
3.9
4.9
COMP
4.8
3.8
3.0
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com