Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L15XCC Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L15XCC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15XCC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L15XCC Datasheet HTML 59Page - STMicroelectronics STM32L15XCC Datasheet HTML 60Page - STMicroelectronics STM32L15XCC Datasheet HTML 61Page - STMicroelectronics STM32L15XCC Datasheet HTML 62Page - STMicroelectronics STM32L15XCC Datasheet HTML 63Page - STMicroelectronics STM32L15XCC Datasheet HTML 64Page - STMicroelectronics STM32L15XCC Datasheet HTML 65Page - STMicroelectronics STM32L15XCC Datasheet HTML 66Page - STMicroelectronics STM32L15XCC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
DocID022799 Rev 12
63/136
STM32L151xC STM32L152xC
Electrical characteristics
109
Table 20. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Sleep)
Supply current
in Sleep
mode, Flash
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
50
130
µA
2 MHz
78.5
195
4 MHz
140
310
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
165
310
8 MHz
310
440
16 MHz
590
830
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
350
550
16 MHz
680
990
32 MHz
1600
2100
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
640
890
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
1600
2200
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
19
60
MSI clock, 524 kHz
524 kHz
33
99
MSI clock, 4.2 MHz
4.2 MHz
145
210
Supply current
in Sleep
mode, Flash
ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
60.5
130
2 MHz
89.5
190
4 MHz
150
320
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
180
320
8 MHz
320
460
16 MHz
605
840
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
380
540
16 MHz
695
1000
32 MHz
1600
2100
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
650
910
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
1600
2200
Supply current
in Sleep
mode, Flash
ON
MSI clock, 65 kHz
Range 3,
VCORE=1.2V
VOS[1:0] = 11
65 kHz
30
90
MSI clock, 524 kHz
524 kHz
44
96
MSI clock, 4.2 MHz
4.2 MHz
155
220
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com