Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7010 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 12Page - Analog Devices ADF7010 Datasheet HTML 13Page - Analog Devices ADF7010 Datasheet HTML 14Page - Analog Devices ADF7010 Datasheet HTML 15Page - Analog Devices ADF7010 Datasheet HTML 16Page - Analog Devices ADF7010 Datasheet HTML 17Page - Analog Devices ADF7010 Datasheet HTML 18Page - Analog Devices ADF7010 Datasheet HTML 19Page - Analog Devices ADF7010 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
ADF7010
Digital Lock Detect
Digital lock detect is active high. The lock detect circuit is
contained at the PFD. When the phase error on five consecutive
cycles is less than 15 ns, lock detect is set high. Lock detect
remains high until 25 ns phase error is detected at the PFD. Since
no external components are needed for digital lock detect, it is
more widely used than analog lock detect.
Analog Lock Detect
This N-channel open-drain lock detect should be operated with
an external pull-up resistor of 10 k
W nominal. When lock has been
detected, this output will be high with narrow low going pulses.
VOLTAGE REGULATOR
The ADF7010 requires a stable voltage source for the VCO and
modulation blocks. The on-board regulator provides 2.2 V using
a band gap reference. A 2.2
mF capacitor from CREG to ground
is used to improve stability of the regulator over a supply from 2.3 V
to 3.6 V. The regulator consumes less than 400
mA and can only
be powered down using the chip enable (CE) pin. Bringing
the chip enable pin low disables the regulator and also erases all
values held in the registers. The serial interface operates off the
regulator supply; therefore, to write to the part, the user must
have CE high. Regulator status can be monitored using the
Regulator Ready signal from MUXOUT.
LOOP FILTER
The loop filter integrates the current pulses from the charge
pump to form a voltage that tunes the output of the VCO to the
desired frequency. It also attenuates spurious levels generated
by the PLL. A typical loop filter design is shown in Figure 6.
REGULATOR READY
DIGITAL LOCK DETECT
ANALOG LOCK DETECT
R COUNTER/2 OUTPUT
N COUNTER/2 OUTPUT
R COUNTER OUTPUT
N COUNTER OUTPUT
MUX
CONTROL
MUXOUT
DGND
DVDD
Figure 5. MUXOUT Stage
CHARGE
PUMP OUT
VCO
Figure 6. Typical Loop Filter Configuration––
Third Order Integrator
In FSK, the loop should be designed so that the loop bandwidth
(LBW) is approximately 5 times the data rate. Widening the LBW
excessively reduces the time spent jumping between frequencies
but may cause insufficient spurious attenuation.
For ASK systems, the wider the loop BW the better. The sudden
large transition between two power levels will result in VCO
pulling and can cause a wider output spectrum than is desired. By
widening the loop BW to >10 times the data rate, the amount
of the VCO pulling is reduced, since the loop will settle quickly
back to the correct frequency. The wider LBW may restrict the
output power and data rate of ASK based systems, compared
with FSK based systems.
Narrow loop bandwidths may result in the loop taking long
periods of time to attain lock. Careful design of the loop filter is
critical in obtaining accurate FSK/GFSK modulation.
For GFSK, it is recommended that an LBW of 2.0 to 2.5 times
the data rate be used to ensure sufficient samples are taken of the
input data while filtering system noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com