Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7010 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 12Page - Analog Devices ADF7010 Datasheet HTML 13Page - Analog Devices ADF7010 Datasheet HTML 14Page - Analog Devices ADF7010 Datasheet HTML 15Page - Analog Devices ADF7010 Datasheet HTML 16Page - Analog Devices ADF7010 Datasheet HTML 17Page - Analog Devices ADF7010 Datasheet HTML 18Page - Analog Devices ADF7010 Datasheet HTML 19Page - Analog Devices ADF7010 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
–18–
ADF7010
16 – j33
5.00
1.00
0.50
0.20
0.00
0.0
0.20
0.50
1.00
2.00
30
40
50
60
70
80
90
100
110
120
130
140
L(SERIES) = 6.8nH
150
2.00
L(SHUNT) = 12nH
5.00
Figure 10. Output Impedance on Smith Chart
FRACTIONAL-N
N COUNTER AND ERROR CORRECTION
The ADF7010 consists of a 15-bit sigma-delta fractional N
divider. The N Counter divides the output frequency to the output
stage back to the PFD frequency. It consists of a prescaler, integer,
and fractional part.
The prescaler can be 4/5 or 8/9. The spurious performance is
better with a 4/5 prescaler, and the N-value can be lower since
NMIN is P
2 + 3P + 3.
The output frequency of the PLL is:
PFD Frequency
Int
Fractional
Error
¥
+¥
+
()
2
2
3
15
INTEGER N
FRACTIONAL N
R
REFERENCE IN
N
THIRD ORDER
-
MODULATOR
PFD/
CHARGE
PUMP
VCO
Figure 11. Fractional-N PLL
Fractional-N Registers
The fractional part is made up of a 15-bit divide, made up of
a 12-bit N value in the N Register summed with a 10-bit (plus
sign bit) in the R-Register that is used for error correction, as
shown in Figure 12.
M12 M11 M10
M9
M8
M7M6
M5M4
M3M2
M1
12-BIT N VALUE
F10
F9
F8
F7F6
F5F4
10-BIT (
SIGN) ERROR CORRECTION
F3
F2
F1
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
15-BIT FRACTIONAL N REGISTER
N2
N1
N0
Figure 12. Fractional Components
The resolution of each register is the smallest amount that the
output frequency can be changed by changing the LSB of the
register.
Changing the Output Frequency
The fractional part of the N Register changes the output fre-
quency by:
()(
)
FN
PFD
Register Value
2
12
The frequency error correction contained in the R Register
changes the output frequency by:
()(
)
F
Frequency Error Correction Value
PFD
2
15
By default, this will be set to 0. The user can calibrate the system
and set this by writing a twos complement number to Bits F1–F11
in the R Register. This can be used to compensate for initial error,
temperature drift, and aging effects in the crystal reference.
Integer N Register
The integer part of the N-Counter contains the prescaler and A and
B counters. It is eight bits wide and offers a divide of P
2 + 3P + 3
to 255.
The combination of the integer (255) and the fractional (31767/
31768) give a maximum N Divider of 256. The minimum PFD
usable is:
F
Maximum Output Frequency
PFD (min)
()
=
+
Required
255 1
For use in the U.S. 902 MHz–928 MHz band, there is a restriction
to using a minimum PFD of 3.625 MHz to allow the user to have
a center frequency of 928 MHz.
PFD Frequency
The PFD frequency is the number of times a comparison is
made between the reference frequency and the feedback signal
from the output.
The higher the PFD frequency, the more often a comparison is
made at the PFD. This also allows a wider loop bandwidth
without compromising stability. This means that the frequency
lock time will be reduced when jumping from one frequency to
another by increasing the PFD.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com