Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8473 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 18Page - National Semiconductor (TI) DP8473 Datasheet HTML 19Page - National Semiconductor (TI) DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) DP8473 Datasheet HTML 22Page - National Semiconductor (TI) DP8473 Datasheet HTML 23Page - National Semiconductor (TI) DP8473 Datasheet HTML 24Page - National Semiconductor (TI) DP8473 Datasheet HTML 25Page - National Semiconductor (TI) DP8473 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Phase Locked Loop Characteristics VCC e 5V g10% FXTAL e 24 MHz unless otherwise specified
Symbol
Parameter
Conditions
Typ
Units
VREF
SETCUR Pin Reference
R1 e 56 kX VCC e 5V
11
V
Voltage
KVCO
VCO Gain (Note 5)
tDATA e 1 ms g10%
25
MradsV
R1
Recommended Pump
3–12
kX
Resistor Range
KP(UP)
Charge Pump Up Current
R1 e 56 kX
250
(none)
Gain (IREF IP(UP)) (Note 6)
KP(DWN)
Charge Pump Down Current
R1 e 56 kX
225
(none)
Gain (IREF IP(DWN)) (Note 6)
KPLL
Internal Phase Locked Loop
(R1 e 56 kX)
Gain (Note 7)
Pump Up
75
Mrad
Pump Down
70
Mrad
TSW
Static Window
Early
Late
(Note 8)
(R1 e 56 kX)
250 kbs
1075
872
ns
500 kbs
530
440
ns
10 Mbs
259
234
ns
TDW
Dynamic Window
(Note)
70
%
Margin
Note
Measurements made with a repeating ‘DB6’’ data pattern with reverse write precompensation using recommended filter values for the configuration shown
in Figure 4c 25 C 50V 0% MSV
Note 5
The VCO gain is measured at the 10 Mbs data rate by forcing the data period over a range from 900 ns to 1100 ns and measuring the resulting voltage
on the filter pin The best straight line gain is fit to the measured points
Note 6
This is the current gain of the charge pump which is defined as the output current divided by the current through R1
Note 7
This is the product of VREF c KP c KVCO The total variation in this specification indicates the total loop gain variation contributed by the internal circuitry
The KVCO portion of this specification is measured at the 10 Mbs data rate by forcing the data period over a range of 900 ns to 1100 ns and measuring the
resultant KVCO KP is measured by forcing the Filter pin to 21V and measuring the ratio of the charge pump current over the input current
Note 8
The DP8473 is guaranteed to correctly decode a single shifted clock pulse at the end of a long series of non-shifted preamble bits as long as the single
shifted pulse is shifted less than the amount specified in TSW The length of the preamble is long enough for the PLL to lock The filter components used are those
in Table II
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com