Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8473 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 13Page - National Semiconductor (TI) DP8473 Datasheet HTML 14Page - National Semiconductor (TI) DP8473 Datasheet HTML 15Page - National Semiconductor (TI) DP8473 Datasheet HTML 16Page - National Semiconductor (TI) DP8473 Datasheet HTML 17Page - National Semiconductor (TI) DP8473 Datasheet HTML 18Page - National Semiconductor (TI) DP8473 Datasheet HTML 19Page - National Semiconductor (TI) DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Command Description (Continued)
Data Mark is read the sector is read normally If a Regular
Data Mark is found and the SK bit is set the sector is not
read bit 6 of ST2 (Control Mark) is set and the next sector
is searched for If a Regular Data Mark is found and the SK
bit is not set the sector is read bit 6 of ST2 (Control Mark)
is set and the read terminates with a normal termination
WRITE DATA
The Write Data command is very similar to the Read Data
command except that data is transferred from the mPtothe
disk rather than the other way around If the controller de-
tects the Write Protect signal bit 1 of ST1 (Not Writable) is
set and an abnormal termination is indicated
WRITE DELETED DATA
This command is the same as the Write Data Command
except a Deleted Data Mark is written at the beginning of
the Data Field instead of the normal Data Mark
READ A TRACK
This command is similar to the Read Data command except
for the following The controller starts at the index hole and
reads the sectors in their physical order not their logical
order
Even though the controller is reading sectors in their physi-
cal order it will still perform a comparison of the header ID
bytes with the Data programmed in the Command Phase
The exception to this is the sector number Internally this is
initialized to a one and then incremented for each succes-
sive sector read Whether or not the programmed Address
Field matches that read from the disk the sectors are still
read in their physical order If a header ID comparison fails
bit 2 of ST1 (No Data) is set but the operation will continue
If there is a CRC error in the Address Field or the Data Field
the read will also continue
The command will terminate when it has read the number of
sectors programmed in the EOT parameter
READ ID
This command will cause the controller to read the first Ad-
dress Field that it finds The Result Phase will contain the
header bytes that are read There is no data transfer during
the Execution Phase of this command An interrupt will be
generated when the Execution Phase is completed
FORMAT A TRACK
This command will format one track on the disk After the
index hole is detected data patterns are written on the disk
including all gaps address marks Address Fields and Data
Fields The exact details of the number of bytes for each
field is controlled by the parameters given in the Format A
Track command and the IAF (Index Address Field) bit in the
Mode command The Data Field consists of the Fill Byte
specified in the command repeated to fill the entire sector
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector number of bytes)
for each sector formatted during the Execution Phase In
other words as the controller formats each sector it will
request four bytes through either DMA requests or inter-
rupts This allows for non-sequential sector interleaving
Some typical values for the programmable GAP size are
shown in Table XI
The Format Command terminates when the index hole is
detected a second time at which point an interrupt is gener-
ated Only the first three status bytes in the Result Phase
are significant
TABLE XI Gap Length for Various Sector Sizes
and Disk Types
Format Table for Sector Size and Data Rate
Mode
Sector
Sector
EOT
Sector
Format
Size
Code
Gap
Gap
decimal
hex
hex
hex
hex
128
00
12
07
09
128
00
10
10
19
FM
256
01
08
18
30
125 kbs
512
02
04
46
87
1024
03
02
C8
FF
2048
04
01
C8
FF
256
01
12
0A
0C
256
01
10
20
32
MFM
512
02
08
2A
50
250 kbs
512
02
09
1B
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
128
00
1A
07
1B
256
01
0F
0E
2A
FM
512
02
08
1B
3A
250 kbs
1024
03
04
47
8A
2048
04
02
C8
FF
4096
05
01
C8
FF
256
01
1A
0E
36
512
02
0F
1B
54
MFM
512
02
12
1B
6C
500 kbs
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
Format Table for PC Compatible Diskette Media
Media
Sector
Sector
EOT
Sector
Format
Type
Size
Code
Gap
Gap
decimal
hex
hex
hex
hex
360k
512
02
09
2A
50
12M
512
02
0F
1B
54
720k
512
02
09
1B
50
144M
512
02
12
1B
6C
Note
Format Gap is the gap length used only for the Format command
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com