Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8473 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 14Page - National Semiconductor (TI) DP8473 Datasheet HTML 15Page - National Semiconductor (TI) DP8473 Datasheet HTML 16Page - National Semiconductor (TI) DP8473 Datasheet HTML 17Page - National Semiconductor (TI) DP8473 Datasheet HTML 18Page - National Semiconductor (TI) DP8473 Datasheet HTML 19Page - National Semiconductor (TI) DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) DP8473 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Command Description (Continued)
TLF9384 – 10
Notes
FE e Data pattern of FE Clock pattern of C7
FC e Data pattern of FC Clock pattern of D7
FB e Data pattern of FB Clock pattern of C7
F8 e Data pattern of F8 Clock pattern of C7
A1 e Data pattern of A1 Clock pattern of 0A
C2 e Data pattern of C2 Clock pattern of 14
All byte counts in decimal
All byte values in hex
CRC uses standard polynomial x16 a x12 a x5 a 1
FIGURE 6 IBM and ISO Formats Supported by the Format Command
SCAN COMMANDS
The Scan Commands allow data read from the disk to be
compared against data sent from the mP There are three
Scan Commands to choose from
Scan Equal
Disk Data e mP Data
Scan Less Than or Equal
Disk Data s mP Data
Scan Greater Than or Equal
Disk Data t mP Data
Each sector is interpreted with the most significant bytes
first If the Wildcard mode is enabled from the Mode com-
mand an FF(hex) from either the disk or the mP is used as a
don’t care byte that will always match equal After each sec-
tor is read if the desired condition has not been met the
next sector is read The next sector is defined as the current
sector number plus the Sector Step Size specified The
Scan command will continue until the scan condition has
been met or the End of Track Sector Number has been
reached or if TC is asserted
If the SK bit is set sectors with deleted data marks are
ignored If all sectors read are skipped the command will
terminate with D3 of ST2 set (Scan Equal Hit) The result
phase of the command is shown in Table XII
TABLE XII Scan Command Termination Values
Status
Command
Register 2
Conditions
D2
D3
Scan Equal
0
1
Disk e mP
1
0
Disk i mP
Scan Low
0
1
Disk e mP
or Equal
0
0
Disk k mP
1
0
Disk l mP
Scan High
0
1
Disk e mP
or Equal
0
0
Disk l mP
1
0
Disk k mP
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com