Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-285L Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HSMS-285L Datasheet HTML 2Page - Broadcom Corporation. HSMS-285L Datasheet HTML 3Page - Broadcom Corporation. HSMS-285L Datasheet HTML 4Page - Broadcom Corporation. HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. HSMS-285L Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RS is perhaps the easiest to measure accurately. The V-I
curve is measured for the diode under forward bias, and
the slope of the curve is taken at some relatively high
value of current (such as 5 mA). This slope is converted
into a resistance Rd.
Detector Circuits
When DC bias is available, Schottky diode detec-
tor circuits can be used to create low cost RF and mi-
crowave receivers with a sensitivity of -55 dBm to
-57 dBm.[1] These circuits can take a variety of forms,
but in the most simple case they appear as shown in
Figure 8. This is the basic detector circuit used with the
HSMS-285x family of diodes.
In the design of such detector circuits, the starting point is
the equivalent circuit of the diode, as shown in Figure 6.
Of interest in the design of the video portion of the
circuit is the diode’s video impedance—the other
four elements of the equivalent circuit disappear at all
reasonable video frequencies. In general, the lower the
diode’s video impedance, the better the design.
[1]
Avago Application Note 923, Schottky Barrier Diode Video Detectors.
HSMS-285A/6A fig 10
3
-40
FREQUENCY (MHz)
-10
-25
3000
-20
10
1000
100
-35
-30
-15
50
Ω
50
Ω
0.16 pF
50
Ω
50
Ω 9 KΩ
VIDEO
OUT
RF
IN
Z-MATCH
NETWORK
VIDEO
OUT
Z-MATCH
NETWORK
RF
IN
Figure 7. Measuring CJ and RV.
At frequencies below 10 MHz, the video resistance dom-
inates the loss and can easily be calculated from it. At
frequencies above 300 MHz, the junction capacitance
sets the loss, which plots out as a straight line when
frequency is plotted on a log scale. Again, calculation is
straightforward.
LP and CP are best measured on the HP8753C, with the
diode terminating a 50 Ω line on the input port. The re-
sulting tabulation of S11 can be put into a microwave
linear analysis program having the five element equiv-
alent circuit with RV, CJ and RS fixed. The optimizer can
then adjust the values of LP and CP until the calculated
S11 matches the measured values. Note that extreme
care must be taken to de-embed the parasitics of the
50 Ω test fixture.
Figure 8. Basic Detector Circuits.
The situation is somewhat more complicated in the
design of the RF impedance matching network, which
includes the package inductance and capacitance
(which can be tuned out), the series resistance, the junc-
tion capacitance and the video resistance. Of these five
elements of the diode’s equivalent circuit, the four para-
sitics are constants and the video resistance is a function
of the current flowing through the diode.
RV and CJ are very difficult to measure. Consider the
impedance of CJ = 0.16 pF when measured at 1 MHz — it
is approximately 1 MΩ. For a well designed zero bias
Schottky, RV is in the range of 5 to 25 KΩ, and it shorts
out the junction capacitance. Moving up to a higher fre-
quency enables the measurement of the capacitance,
but it then shorts out the video resistance. The best mea-
surement technique is to mount the diode in series in a
50 Ω microstrip test circuit and measure its insertion loss
at low power levels (around -20 dBm) using an HP8753C
network analyzer. The resulting display will appear as
shown in Figure 7.
where
IS = diode saturation current in µA
Ib = bias current in µA
Saturationcurrentisafunctionofthediode’sdesign,[2]and
it is a constant at a given temperature. For the HSMS-285x
series, it is typically 3 to 5 µA at 25°C.
Saturation current sets the detection sensitivity, video re-
sistance and input RF impedance of the zero bias Schottky
detector diode. Since no external bias is used with the
HSMS-285x series, a single transfer curve at any given fre-
quency is obtained, as shown in Figure 2.
V - IR
S
I = I
S (exp (
)-1)
0.026
0.026
I
f
26,000
R
≈
V
I
S + Ib
8.33 X 10-5 n T
R
j =
V– Rs
I
S + I b
0.026
=
at 25°C
I
S + Ib
= R
R
S = Rd –
V - IR
S
I = I
S (exp (
)-1)
0.026
0.026
I
f
26,000
R
≈
V
I
S + Ib
8.33 X 10-5 n T
R
j =
V– Rs
I
S + I b
0.026
=
at 25°C
I
S + Ib
= R
R
S = Rd –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com