Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-285L Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HSMS-285L Datasheet HTML 4Page - Broadcom Corporation. HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. HSMS-285L Datasheet HTML 10Page - Broadcom Corporation. HSMS-285L Datasheet HTML 11Page - Broadcom Corporation. HSMS-285L Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Such a circuit offers several advantages. First the voltage
outputs of two diodes are added in series, increasing the
overall value of voltage sensitivity for the network (com-
pared to a single diode detector). Second, the RF imped-
ances of the two diodes are added in parallel, making
the job of reactive matching a bit easier. Such a circuit
can easily be realized using the two series diodes in the
HSMS-285C.
Flicker Noise
Reference to Figure 5 will show that there is a junc-
tion of metal, silicon, and passivation around the rim
of the Schottky contact. It is in this three-way junction
that flicker noise[5] is generated. This noise can severely
reduce the sensitivity of a crystal video receiver utiliz-
ing a Schottky detector circuit if the video frequency is
below the noise corner. Flicker noise can be substantially
reduced by the elimination of passivation, but such
diodes cannot be mounted in non-hermetic packages.
p-type silicon Schottky diodes have the least flicker noise
at a given value of external bias (compared to n-type
silicon or GaAs). At zero bias, such diodes can have
extremely low values of flicker noise. For the HSMS-285x
series, the noise temperature ratio is given in Figure 14.
Any Schottky junction, be it an RF diode or the gate of
a MESFET, is relatively delicate and can be burned out
with excessive RF power. Many crystal video receivers
used in RFID (tag) applications find themselves in poorly
controlled environments where high power sources may
be present. Examples are the areas around airport and
FAA radars, nearby ham radio operators, the vicinity of
a broadcast band transmitter, etc. In such environments,
the Schottky diodes of the receiver can be protected
by a device known as a limiter diode.[6] Formerly avail-
able only in radar warning receivers and other high cost
electronic warfare applications, these diodes have been
adapted to commercial and consumer circuits.
Avago offers a complete line of surface mountable
PIN limiter diodes. Most notably, our HSMP-4820 (SOT-
23) can act as a very fast (nanosecond) power-sensi-
tive switch when placed between the antenna and the
Schottky diode, shorting out the RF circuit temporar-
ily and reflecting the excessive RF energy back out the
antenna.
Assembly Instructions
SOT-323 PCB Footprint
A recommended PCB pad layout for the miniature SOT-
323 (SC-70) package is shown in Figure 15 (dimensions
are in inches). This layout provides ample allowance for
package placement by automated assembly equipment
without adding parasitics that could impair the perfor-
mance. Figure 16 shows the pad layout for the six-lead
SOT-363.
[4]
Avago Application Note 956-4, Schottky Diode Voltage Doubler.
[5]
Avago Application Note 965-3, Flicker Noise in Schottky Diodes.
[6]
Avago Application Note 1050, Low Cost, Surface Mount Power Limiters.
FREQUENCY (Hz)
15
10
5
0
-5
10
100
1000
10000
100000
Diode Burnout
Figure 14. Typical Noise Temperature Ratio.
Noise temperature ratio is the quotient of the diode’s
noise power (expressed in dBV/Hz) divided by the noise
power of an ideal resistor of resistance R = RV.
For an ideal resistor R, at 300°K, the noise voltage can be
computed from
v = 1.287 X 10-10 √R volts/Hz
which can be expressed as
20 log10 v dBV/Hz
Thus, for a diode with RV = 9KΩ, the noise voltage is
12.2 nV/Hz or -158 dBV/Hz. On the graph of Figure 14, -
158 dBV/Hz would replace the zero on the vertical scale
to convert the chart to one of absolute noise voltage vs.
frequency.
0.026
0.039
0.079
0.022
Dimensions in inches
0.026
0.075
0.016
0.035
Figure 15. Recommended PCB
Pad Layout for Avago’s SC70
3L/SOT-323 Products.
Figure 16. Recommended PCB Pad
Layout for Avago's SC70 6L/SOT-363
Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com