Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-285L Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HSMS-285L Datasheet HTML 3Page - Broadcom Corporation. HSMS-285L Datasheet HTML 4Page - Broadcom Corporation. HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. HSMS-285L Datasheet HTML 10Page - Broadcom Corporation. HSMS-285L Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
The most difficult part of the design of a detector circuit
is the input impedance matching network. For very
broadband detectors, a shunt 60 Ω resistor will give good
input match, but at the expense of detection sensitivity.
When maximum sensitivity is required over a narrow
band of frequencies, a reactive matching network
is optimum. Such networks can be realized in either
lumped or distributed elements, depending upon fre-
quency, size constraints and cost limitations, but certain
general design principals exist for all types.[3] Design
work begins with the RF impedance of the HSMS-285x
series, which is given in Figure 9.
[2]
Avago Application Note 969, An Optimum Zero Bias Schottky Detector Diode.
[3]
Avago Application Note 963, Impedance Matching Techniques for Mixers
and Detectors.
HSMS-285A/6A fig 13
1 GHz
2
3
4
5
6
0.2
0.6
1
2
5
HSMS-285A/6A fig 14
65nH
100 pF
VIDEO
OUT
RF
INPUT
WIDTH = 0.050"
LENGTH = 0.065"
WIDTH = 0.015"
LENGTH = 0.600"
TRANSMISSION LINE
DIMENSIONS ARE FOR
MICROSTRIP ON
0.032" THICK FR-4.
HSMS-285A/6A fig 15
FREQUENCY (GHz): 0.9-0.93
HSMS-285A/6A fig 16
0.9
-20
FREQUENCY (GHz)
0.915
0
-10
-15
0.93
-5
Figure 9. RF Impedance of the HSMS-285x Series at-40 dBm.
915 MHz Detector Circuit
Figure 10 illustrates a simple impedance matching
network for a 915 MHz detector.
Figure 10. 915 MHz Matching Network for the HSMS-285x Series at Zero Bias.
A 65 nH inductor rotates the impedance of the diode to
a point on the Smith Chart where a shunt inductor can
pull it up to the center. The short length of 0.065" wide
microstrip line is used to mount the lead of the diode’s
SOT-323 package. A shorted shunt stub of length <λ/4
provides the necessary shunt inductance and simul-
taneously provides the return circuit for the current
generated in the diode. The impedance of this circuit is
given in Figure 11.
Figure 11. Input Impedance.
The input match, expressed in terms of return loss, is
given in Figure 12.
Figure 12. Input Return Loss.
As can be seen, the band over which a good match is
achieved is more than adequate for 915 MHz RFID ap-
plications.
Voltage Doublers
To this point, we have restricted our discussion to single
diode detectors. A glance at Figure 8, however, will lead
to the suggestion that the two types of single diode de-
tectors be combined into a two diode voltage doubler[4]
(known also as a full wave rectifier). Such a detector is
shown in Figure 13.
HSMS-285X fig 11 was 7
VIDEO OUT
Z-MATCH
NETWORK
RF IN
Figure 13. Voltage Doubler Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com