Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS770XCB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS770XCB
Description  4.1 關s output rise time in response to step input current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770XCB Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS770XCB Datasheet HTML 1Page - Allegro MicroSystems ACS770XCB Datasheet HTML 2Page - Allegro MicroSystems ACS770XCB Datasheet HTML 3Page - Allegro MicroSystems ACS770XCB Datasheet HTML 4Page - Allegro MicroSystems ACS770XCB Datasheet HTML 5Page - Allegro MicroSystems ACS770XCB Datasheet HTML 6Page - Allegro MicroSystems ACS770XCB Datasheet HTML 7Page - Allegro MicroSystems ACS770XCB Datasheet HTML 8Page - Allegro MicroSystems ACS770XCB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS: Valid at TOP = –40°C to 150°C, CBYP = 0.1 µF, and VCC = 5 V,
unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
Output open
–
10
15
mA
Supply Zener Voltage
VZ
TA = 25°C, ICC = 30 mA
6.5
7.5
–
V
Power-On Delay [1][2]
tPOD
TA = 25°C, CBYP = open
–
90
–
µs
Temperature Compensation
Power-On Time [1]
tTC
TA = 25°C, CBYP = open
–
90
–
µs
Undervoltage Lockout (UVLO)
Threshold [1]
VUVLOH
TA = 25°C, VCC rising
–
3.8
–
V
VUVLOL
TA = 25°C, VCC falling
–
3
–
V
UVLO Enable/Disable Delay
Time [1][2]
tUVLOE
TA = 25°C, CBYP = open, VCC Fall Time (5 V to 3 V) = 1 μs
–
75
–
µs
tUVLOD
TA = 25°C, CBYP = Open,
VCC Recover Time (3 V to 5 V) = 1 μs
–
14
–
µs
Power-On Reset Voltage [1]
VPORH
TA = 25°C, VCC rising
–
2.9
–
V
VPORL
TA = 25°C, VCC falling
–
2.7
–
V
Rise Time [1][2]
tr
IP step = 60% of IP+, 10% to 90% rise time, TA = 25°C,
CL = 0.47 nF
–
4.1
–
µs
Propagation Delay Time [1][2]
tPROP
IP step = 60% of IP+, 20% input to 20% output, TA = 25°C,
CL = 0.47 nF
–
2.4
–
µs
Response Time [1][2]
tRESPONSE
IP step = 60% of IP+, 80% input to 80% output, TA = 25°C,
COUT = 0.47 nF
–
4.6
–
µs
Internal Bandwidth
BWi
–3 dB; TA = 25°C, CL = 0.47 nF
–
120
–
kHz
Output Load Resistance
RL
VIOUT to GND
4.7
–
–
kΩ
Output Load Capacitance
CL
VIOUT to GND
–
–
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
–
100
–
µΩ
Quiescent Output Voltage [1]
VIOUT(QBI)
Bidirectional variant, IP = 0 A, TA = 25°C
–
VCC/2
–
V
VIOUT(QUNI)
Unidirectional variant, IP = 0 A, TA = 25°C
–
0.5
–
V
Ratiometry [1]
VRAT
VCC = 4.5 to 5.5 V
–
100
–
%
1
See Characteristic Definitions section of this datasheet.
2
See Timing Data Section of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com