Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS770XCB Datasheet(PDF) 29 Page - Allegro MicroSystems

Part # ACS770XCB
Description  4.1 關s output rise time in response to step input current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770XCB Datasheet(HTML) 29 Page - Allegro MicroSystems

Back Button ACS770XCB Datasheet HTML 21Page - Allegro MicroSystems ACS770XCB Datasheet HTML 22Page - Allegro MicroSystems ACS770XCB Datasheet HTML 23Page - Allegro MicroSystems ACS770XCB Datasheet HTML 24Page - Allegro MicroSystems ACS770XCB Datasheet HTML 25Page - Allegro MicroSystems ACS770XCB Datasheet HTML 26Page - Allegro MicroSystems ACS770XCB Datasheet HTML 27Page - Allegro MicroSystems ACS770XCB Datasheet HTML 28Page - Allegro MicroSystems ACS770XCB Datasheet HTML 29Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
29
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
For the latest version of this document, visit our website:
www.allegromicro.com
Copyright ©2011-2016, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in any devices or systems, including but not limited to life support devices or systems, in which a failure of
Allegro’s product can reasonably be expected to cause bodily harm.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
Revision History
Number
Date
Description
1
December 8, 2014
Revised Selection Guide
2
January 20, 2015
Revised VPORH Typical Value
3
March 11, 2015
Revised VRCC, VRIOUT, IOUT(Source), IERROM (100 A and 150 A) values, and added Symmetry to
X150B PERFORMANCE CHARACTERISTICS table
4
April 8, 2015
Updated TUV certification
5
November 2, 2016
Updated PCB Layout Reference View in Package Outline Drawing on page 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com