Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS468 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS468
Description  Wide operating voltage range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS468 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS468 Datasheet HTML 1Page - Allegro MicroSystems ATS468 Datasheet HTML 2Page - Allegro MicroSystems ATS468 Datasheet HTML 3Page - Allegro MicroSystems ATS468 Datasheet HTML 4Page - Allegro MicroSystems ATS468 Datasheet HTML 5Page - Allegro MicroSystems ATS468 Datasheet HTML 6Page - Allegro MicroSystems ATS468 Datasheet HTML 7Page - Allegro MicroSystems ATS468 Datasheet HTML 8Page - Allegro MicroSystems ATS468 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Three-Wire True Zero-Speed Differential Peak-Detecting
Sensor IC with Continuous Calibration
ATS468
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Performance Characteristics
Operational Air Gap Range2
AG
DOUT within specification
0.5
–
3.5
mm
Operating Magnetic Signal Range
BDIFF
Peak-to-peak of differential signal; operation
within specification
20
–
1200
G
Operate Point3
BOP
See figure 5
–
120
–
mV
3
–
10
G
Release Point3
BRP
See figure 5
–
120
–
mV
3
–
10
G
Operating Frequency
fOP
0
–
10
kHz
Analog Signal Bandwidth
BW
Equivalent to f = –3 dB
20
–
–
kHz
Initial Calibration Cycle4
ncal
Output rising edges before calibration is
completed, 0 offset, fOP ≤ 200 Hz
–
–
3
edge
Output Duty Cycle Precision
DOUT
Using a pure sine magnetic signal, with fOP and
BDIFF within specification
–
–
±15
%
Output Period Precision
TOUT
Using pure sine magnetic signal with
BDIFF = 50 Gpk-pk and fOP = 1 kHz
–
0.3
–
%
Allowable User Induced Differential
Offset
BDIFFEXT Output switching only
–60
–
60
G
1
1 G (gauss) = 0.1 mT (millitesla).
2
AG is dependent on the available magnetic field. The available field is dependent on target geometry and material,and should be independently characterized. The field
available from the reference target is given in the reference target parameter section of the datasheet.
3
Values in G are based on device in maximum gain setting.
4
Non-uniform magnetic profiles may require additional output pulses before calibration is complete.
OPERATING CHARACTERISTICS (continued): valid throughout operating voltage and ambient temperature ranges using
Allegro reference target 60-0, typical data applies at VCC = 12 V and TA = 25°C; unless otherwise specified
Limited Distribution Allegro Confidential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com