Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS468 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS468
Description  Wide operating voltage range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS468 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS468 Datasheet HTML 1Page - Allegro MicroSystems ATS468 Datasheet HTML 2Page - Allegro MicroSystems ATS468 Datasheet HTML 3Page - Allegro MicroSystems ATS468 Datasheet HTML 4Page - Allegro MicroSystems ATS468 Datasheet HTML 5Page - Allegro MicroSystems ATS468 Datasheet HTML 6Page - Allegro MicroSystems ATS468 Datasheet HTML 7Page - Allegro MicroSystems ATS468 Datasheet HTML 8Page - Allegro MicroSystems ATS468 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Three-Wire True Zero-Speed Differential Peak-Detecting
Sensor IC with Continuous Calibration
ATS468
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ ≤ 165°C
4
–
26.5
V
Undervoltage Lockout
VCC(uv)
VCC = 0→VCC(min) + 1 V and
VCC(min) + 1 V→0 V
–
–
VCC(min)
V
Supply Current
ICC
VCC > VCC(min)
3.0
5.0
7.5
mA
Power-On Characteristics
Power-On State
POS
VOUT, connected as in figure 6
–
High
–
V
Power-On Time3
tPO
VCC > VCC(min)
–
–
2.3
ms
Transient Protection Characteristics
Supply Zener Clamp Voltage
VZ(supply) ICC = ICC(max) + 3 mA, TA = 25 °C
38
–
–
V
Supply Zener Current
IZ(supply) Vsupply = 38 V
–
–
ICC(max)
+ 3
mA
Reverse Supply Current
IRCC
VRCC = –18 V, TJ < TJ(max)
–
–
–1
mA
Output Zener Clamp Voltage
VZ(output) IOUT = 3 mA, TA = 25°C
28
–
–
V
Output Zener Current
IZ(output)
VOUT = 28 V
–
–
3
mA
Output Current Limit
IOUT(lim)
30
–
85
mA
Output Stage Characteristics
Output Saturation Voltage
VOUT(sat) IOUT(sink) = 20 mA
–
220
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, output off
–
–
10
µA
Output Fall Time
tf
RPU = 1 kΩ, VPU = 20 V, COUT = 10 pF
–
2
–
µs
1
1 G (gauss) = 0.1 mT (millitesla).
2
Maximum voltage operation must not exceed maximum junction temperature. Refer to Power Derating Curves chart.
3
Time required to initialize device. Power-On Time includes the time required to complete the internal automatic offset adjust. The DAC is then ready for peak acquisition.
OPERATING CHARACTERISTICS: valid throughout operating voltage and ambient temperature ranges using Allegro refer-
ence target 60-0, typical data applies at VCC = 12 V and TA = 25°C; unless otherwise specified
Limited Distribution Allegro Confidential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com