Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS468 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS468
Description  Wide operating voltage range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS468 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS468 Datasheet HTML 3Page - Allegro MicroSystems ATS468 Datasheet HTML 4Page - Allegro MicroSystems ATS468 Datasheet HTML 5Page - Allegro MicroSystems ATS468 Datasheet HTML 6Page - Allegro MicroSystems ATS468 Datasheet HTML 7Page - Allegro MicroSystems ATS468 Datasheet HTML 8Page - Allegro MicroSystems ATS468 Datasheet HTML 9Page - Allegro MicroSystems ATS468 Datasheet HTML 10Page - Allegro MicroSystems ATS468 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Three-Wire True Zero-Speed Differential Peak-Detecting
Sensor IC with Continuous Calibration
ATS468
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Target 60-0
Characteristics
Symbol
Test Conditions
Typ.
Unit
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
F
h
t
D
o
Air Gap
Branded Face
of Package
Face Width
F
Breadth of tooth, with respect to
branded face
6
mm
Angular Tooth Thickness
t
Length of tooth, with respect to
branded face; measured at Do
3
deg.
Angular Valley Thickness
tv
Length of valley, with respect to
branded face; measured at Do
3
deg.
Tooth Whole Depth
ht
3
mm
Material
Low Carbon Steel
–
–
Reference Gear Magnetic Profile
Two Tooth-to-Valley Transitions
-500
-400
-300
-200
-100
0
100
200
300
400
500
Gear Rotation (°)
0
2
4
6
8
10
12
0.50
(mm)
Air Gap
0.50 mm AG
3.00 mm AG
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Reference Gear Magnetic Gradient Amplitude
With Reference to Air Gap
Air Gap (mm)
1
1.5
2
0.5
2.5
3
1400
1200
1000
800
600
400
200
0
Reference Target 60-0
Pin1
Pin4
of Package
Branded Face
REFERENCE TARGET CHARACTERISTICS
Limited Distribution Allegro Confidential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com