Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329AM-01LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS84329AM-01LF
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84329AM-01LF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS84329AM-01LF Datasheet HTML 1Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 2Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 3Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 4Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 5Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 6Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 7Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 8Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
84329AM-01
www.idt.com
REV. D
APRIL 9, 2014
5
84329-01
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 4C. LVPECL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CC
- 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω to V
CC - 2V.
TABLE 4A. DC POWER SUPPLY CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
S_LOAD, nP_LOAD,
S_DATA, S_CLOCK,
M0:M8, N0:N1
2V
CC + 0.3
V
V
IL
Input Low Voltage
S_LOAD, nP_LOAD,
S_DATA, S_CLOCK,
M0:M8, N0:N1
-0.3
0.8
V
I
IH
Input High Current
M0-M8, N0, N1,
nP_LOAD
V
CC = VIN = 3.465V
5
µA
S_LOAD,
S_DATA, S_CLOCK
V
CC = VIN = 3.465V
150
µA
I
IL
Input Low Current
M0-M8, N0, N1,
nP_LOAD
V
CC = 3.465V, VIN = 0V
-150
µA
S_LOAD,
S_DATA, S_CLOCK
V
CC = 3.465V, VIN = 0V
-5
µA
V
OH
Output High Voltage; NOTE 1
2.6
V
V
OL
Output Low Voltage; NOTE 1
0.5
V
NOTE 1: Outputs terminated with 50
Ω to V
CC/2. See figure "3.3V Output Load Test Circuit" in the
"Parameter Measurement Information" section.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
110
mA
I
CCA
Analog Supply Current
15
mA
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, V
O
-0.5V to V
CC + 0.5V
Package Thermal Impedance,
θ
JA
46.2°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com