Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329AM-01LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS84329AM-01LF
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84329AM-01LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS84329AM-01LF Datasheet HTML 2Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 3Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 4Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 5Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 6Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 7Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 8Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 9Page - Integrated Device Technology ICS84329AM-01LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
84329AM-01
www.idt.com
REV. D
APRIL 9, 2014
6
84329-01
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 6. INPUT FREQUENCY CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
IN
Input Frequency
XTAL; NOTE 1
10
17
MHz
XTAL; NOTE 1, 2
17
25
MHz
S_CLOCK
50
MHz
NOTE 1: For the crystal frequency range the M value must be set to achieve the minimum or maximum VCO frequency
range of 200MHz or 700MHz. Using the minimum frequency of 10MHz valid values of M are 320
≤ M ≤ 511.
Using the maximum frequency of 25MHz valid values of M are 128
≤ M ≤ 448.
NOTE 2: For crystal frequencies greater than 17MHz, a series tuning capacitor is required for proper operation.
For more information, please refer to the Application Information, "Crystal Input and Oscillator Interface".
TABLE 5. CRYSTAL CHARACTERISTICS
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
10
25
MHz
Equivalent Series Resistance (ESR)
70
Ω
Shunt Capacitance
7pF
TABLE 7. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
700
MHz
tjit(per)
Period Jitter, RMS; NOTE 1, 2
fOUT
≥ 65MHz
5.5
ps
fOUT < 65MHz
12
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1, 2
fOUT
≥ 50MHz
35
ps
fOUT
< 50MHz
50
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
300
800
ps
t
S
Setup Time
5
ns
t
H
Hold Time
5
ns
t
L
PLL Lock Time
10
ms
odc
Output Duty Cycle
45
50
55
%
See Parameter Measurement Information section.
Characterized using a 16MHz XTAL.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: See Applications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com