Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8C803600 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS8C803600
Description  Power down controlled by ZZ input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C803600 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS8C803600 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
6.42
2
AS8C803600, AS8C801800, 256K x 36, 512K x 18, 3.3V Synchronous SRAMS with
3.3V I/O, Pipelined Outputs, Single Cycle Deselect
Commercial Temperature Range
Symbol
Pin Function
I/O
Active
Description
A0-A18
Address Inputs
I
N/A
Synchronous Address inputs. The address register is trig gered by a combination of the
rising edge of CLK and
ADSC Low or ADSP Low and CE Low.
ADSC
Address Status
(Cache Controller)
I
LOW
Synchronous Address Status from Cache Controller.
ADSC is an active LOW input that is
used to load the address registers with new addresses.
ADSP
Address Status
(Processor)
I
LOW
Synchronous Address Status from Processor.
ADSP is an active LOW input that is used to
load the address registers with new addresses.
ADSP is gated by CE.
ADV
Burst Address
Advance
I
LOW
Synchronous Address Advance.
ADV is an active LOW input that is used to advance the
internal burst counter, controlling burst access after the initial address is loaded. When the
input is HIGH the burst counter is not incremented; that is, there is no address advance.
BWE
Byte Write Enable
I
LOW
Synchronous byte write enable gates the byte write inputs
BW1-BW4. If BWE is LOW at the
rising edge of CLK then
BWx inputs are passed to the next stage in the circuit. If BWE is
HIGH then the byte write inputs are blocked and only
GW can initiate a write cycle.
BW1-BW4
Individual Byte
Write Enables
I
LOW
Synchronous byte write enables.
BW1 controls I/O0-7, I/OP1, BW2 controls I/O8-15, I/OP2, etc.
Any active byte write causes all outputs to be disabled.
CE
Chip Enable
I
LOW
Synchronous chip enable.
CE is used with CS0 and CS1 to enable the IDT71V67603/7803.
CE also gates ADSP.
CLK
Clock
I
N/A
This is the clock input. All timing references for the device are made with respect to this
input.
CS0
Chip Select 0
I
HIGH
Synchrono us active HIGH chip select. CS0 is used with
CE and CS1 to enable the chip.
CS1
Chip Select 1
I
LOW
Synchronous active LOW chip select.
CS1 is used with CE and CS0 to enable the chip.
GW
Global Write
Enable
I
LOW
Synchronous global write enable. This input will write all four 9-bit data bytes when LOW
on the rising edge of CLK.
GW supersedes individual byte write enables.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchro nous data input/output (I/O) pins. Both the data input path and data output path are
registered and triggered by the rising edge of CLK.
LBO
Linear Burst Order
I
LOW
Asynchronous burst order selection input. When
LBO is HIGH, the interleaved burst
sequence is selected. When
LBO is LOW the Line ar burst sequence is selected. LBO is a
static input and must not change state while the device is operating.
OE
Output Enable
I
LOW
Asynchronous output enable. When
OE is LOW the data output drivers are enabled on the
I/O pins if the chip is also selected. When
OE is HIGH the I/O pins are in a high-
impedance state.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
3.3V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
NC
No Connect
N/A
N/A
NC pins are not electrically connected to the device.
ZZ
Sleep Mode
I
HIGH
Asynchro nous sleep mode input. ZZ HIGH will gate the CLK internally and power down the
AS8C803600/1800 to its lowest power consumption level. Data retention is guaranteed in
Sleep Mode.
5310 tbl 02
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com