Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDFS3P303 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMDFS3P303 Datasheet HTML 2Page - ON Semiconductor MMDFS3P303 Datasheet HTML 3Page - ON Semiconductor MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor MMDFS3P303 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MMDFS3P303
http://onsemi.com
6
TYPICAL FET ELECTRICAL CHARACTERISTICS
Figure 13. FET Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1.0
0.1
D = 0.5
SINGLE PULSE
1E-03
1E-02
1E-01
1E+00
1E+01
0.2
0.1
0.05
0.02
0.01
1E+02
1E+03
0.01
CHIP
JUNCTION
18.5 W
0.0073 F
50.9 W
0.022 F
37.1 W
0.105 F
56.8 W
0.484 F
24.4 W
3.68 F
AMBIENT
2.32 W
0.0014 F
NORMALIZED TO RqJA AT STEADY STATE (1″ PAD)
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
TJ = 125°C
Figure 15. Typical Forward Voltage
Figure 16. Maximum Forward Voltage
0.7
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.8
0
1.0
0.1
0.1
0.4
0.2
0.3
0.5
0.6
0.2
0.3
0.4
0.5
10
0.6
0.7
85°C
25°C
-40°C
TJ = 125°C
25°C
85°C
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com