Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDFS3P303 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor MMDFS3P303 Datasheet HTML 10Page - ON Semiconductor MMDFS3P303 Datasheet HTML 11Page - ON Semiconductor MMDFS3P303 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MMDFS3P303
http://onsemi.com
8
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
Figure 22. Schottky Thermal Response
t, TIME (s)
1.0
0.1
D = 0.5
SINGLE PULSE
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.2
0.1
0.02
1.0E+02
1.0E+03
0.001
0.01
NORMALIZED TO RqJA AT STEADY STATE (1″ PAD)
CHIP
JUNCTION
0.1010 W
39.422 mF
1.2674 W
493.26 mF
27.987 W
0.0131 F
30.936 W
0.2292 F
36.930 W
2.267 F
AMBIENT
0.05
0.01
TYPICAL APPLICATIONS
LOAD
Vout
CO
+
-
Vin
+
-
LOAD
Vout
CO
+
-
Vin
+
-
LO
LO
STEP DOWN SWITCHING REGULATORS
Buck Regulator
Synchronous Buck Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com