Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDFS3P303 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MMDFS3P303 Datasheet HTML 3Page - ON Semiconductor MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor MMDFS3P303 Datasheet HTML 10Page - ON Semiconductor MMDFS3P303 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMDFS3P303
http://onsemi.com
7
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
Figure 17. Typical Reverse Current
Figure 18. Maximum Reverse Current
Figure 19. Typical Capacitance
Figure 20. Current Derating
Figure 21. Forward Power Dissipation
15
30
0
VR, REVERSE VOLTAGE (VOLTS)
0.1
0.001
0.01
0.0001
15
20
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
TA, AMBIENT TEMPERATURE (°C)
20
0
5.0
2.0
1.5
1.0
0.5
0
40
0
IO, AVERAGE FORWARD CURRENT (AMPS)
1.25
1.00
0.75
0.50
0.25
0
1.0
0.00001
0.000001
5.0
10
5.0
10
60
80
100
120
140
160
2.0
3.0
5.0
1.50
1.75
15
30
0
VR, REVERSE VOLTAGE (VOLTS)
0.1
0.001
0.01
0.0001
0.00001
0.000001
5.0
10
3.0
3.5
4.0
SQUARE
WAVE
dc
Ipk/Io = 5.0
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
TJ = 125°C
25°C
TJ = 125°C
25°C
85°C
FREQ = 20 kHz
dc
SQUARE WAVE
Ipk/Io = 5.0
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
20
25
20
25
2.5
4.5
4.0
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com