Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHVDAC-253M Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 5Page - STMicroelectronics STHVDAC-253M Datasheet HTML 6Page - STMicroelectronics STHVDAC-253M Datasheet HTML 7Page - STMicroelectronics STHVDAC-253M Datasheet HTML 8Page - STMicroelectronics STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics STHVDAC-253M Datasheet HTML 10Page - STMicroelectronics STHVDAC-253M Datasheet HTML 11Page - STMicroelectronics STHVDAC-253M Datasheet HTML 12Page - STMicroelectronics STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID025735 Rev 1
9/27
STHVDAC-253M
Theory of operation
27
3.2
Operating modes
The following operating modes are accessible through the serial interface:
•
Shutdown mode:
The HVDAC is switched off, and all the blocks in the control ASIC
are switched off. Power consumption is almost zero in this mode, the DAC outputs are
pulled down. The shutdown mode is set by driving VIO to low level.
•
Active mode:
The HVDAC is switched on and the DAC outputs are fully controlled
through the RFFE serial interface. The DAC settings can be dynamically modified and
the HV outputs will be adjusted according to the specified timing diagrams. Each DAC
can be individually controlled and/or switched off according to application
requirements. Boost is active in this mode.The device is directly set into this mode after
startup (VIO supply switched on, or power mode bits set to 01b).
•
Low power mode:
The HVDAC is switched OFF except the RFFE interface. This
mode is set by driving PWR_MODE bits to 10b.
Figure 3. HVDAC state diagram
3.3
Device reset
Power-On Reset is implemented on the VIO supply input, ensuring the HVDAC will be reset
to default mode once VIO supply line rises above a given threshold VIORST. This trigger will
force all registers to their default value.
Soft Reset is also implemented as defined in the MIPI RFFE specification. Setting
PWR_MODE bits to 01b will force the device to reset all registers to their default value, and
switch into active mode.
STARTUP
(Registers reset to default)
SHUTDOWN
ACTIVE
LOW POWER
PWR_MODE = 0b00
PWR_MODE = 0b10
VIO
=
Low
VIO = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com