Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHVDAC-253M Datasheet(PDF) 17 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics STHVDAC-253M Datasheet HTML 14Page - STMicroelectronics STHVDAC-253M Datasheet HTML 15Page - STMicroelectronics STHVDAC-253M Datasheet HTML 16Page - STMicroelectronics STHVDAC-253M Datasheet HTML 17Page - STMicroelectronics STHVDAC-253M Datasheet HTML 18Page - STMicroelectronics STHVDAC-253M Datasheet HTML 19Page - STMicroelectronics STHVDAC-253M Datasheet HTML 20Page - STMicroelectronics STHVDAC-253M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID025735 Rev 1
17/27
STHVDAC-253M
Register table
27
4.2
RFFE interface, command and data frame structure
The STHVDAC-253M RFFE interface has been implemented to support the following
command sequences:
•
Register WRITE
•
Register READ
•
Extended Register Write
These supported command sequences are described in Table 13.
All frames are required to end with a single parity bit. The parity bit shall be driven such that
the total number of bits in the frame that are driven to logic level 1, including the parity bit, is
odd. In case the device detects a parity error, the frame is considered not valid and is
ignored.
Table 13. Support command sequences
SSC
(1)
Command frame
Data frame
Register
write
01 0
USID
(2)
0 1 0
Reg adress [4,0]
P
(3)
DATA[7,0]
P
BP
(4)
Register
read
0 1 0 USID 0 1 1
Reg adress [4,0]
P
BP
DATA
[7,0]
PBP
Extended
register
write
01 0 USID 0 0 0 0
00
0
0
P Adress[7,0]
P
Up to 4 bytes of data with parity BP
BC(5)[3,0]
11
1
1
1. Sequence start condition
2. Unique slave identifier
3. Parity bit
4. Bus park cycle
5. Byte count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com