Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHVDAC-253M Datasheet(PDF) 10 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 6Page - STMicroelectronics STHVDAC-253M Datasheet HTML 7Page - STMicroelectronics STHVDAC-253M Datasheet HTML 8Page - STMicroelectronics STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics STHVDAC-253M Datasheet HTML 10Page - STMicroelectronics STHVDAC-253M Datasheet HTML 11Page - STMicroelectronics STHVDAC-253M Datasheet HTML 12Page - STMicroelectronics STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics STHVDAC-253M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Theory of operation
STHVDAC-253M
10/27
DocID025735 Rev 1
3.4
RFFE serial interface
The HVDAC is fully controlled through RFFE serial interface (DATA, VIO, CLK).
This interface is further described in the next sections of this document and is made
compliant to the MIPI alliance Specification for RF Front End control Interface version 1.10
(26 July 2011)
Sequence Start Condition (SSC): One rising edge followed by falling edge on DATA while
CLK remains at logic level low. This is used by the Master to identify the start of a Command
frame.
Parity (P): Each frame shall end with a single parity bit. The parity bit shall be driven such
that the total number of bits in the frame that are driven to logic level one, including the
parity bit, is odd.
Bus Park Cycle (BP): The slave releasing DATA will drive the DATA to logic level zero
during the first half of the CLK clock cycle. This is used by the Master as the indication of the
end of Frame.
3.5
RFFE register and write command sequence
Register #0 is a specific register that can be programmed without sending the register
address. Output C is associated to Register #0 so that when there is only one tunable
capacitor to control a simple register#0 write command is sufficient. Please refer to
Figure 12
for Register #0 Write sequence. The Sequence Starts with an Start Sequence
command (SSC) followed by the Register #0 Write Command frame containing the slave
address, a logic one and a seven bit word to be written to Register #0.
3.6
RFFE serial interface extended mode
All the registers in the device can be addressed in extended mode, by sending appropriate
command sequences as per MIPI RFFE specification (see Figure 11).
3.7
RFFE serial interface broadcast capability
Registers 27 to 31 can be addressed in broadcast mode, by sending appropriate command
sequences as per MIPI RFFE specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com