Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-020URL Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-020URL
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020URL Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-020URL Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3.The dominant wavelength data did not including ±1nm testing tolerance.
2.4
----
----
----
----
Typical Electrical & Optical Characteristics (Ta=25℃)
Max.
Spectral Line Half-Width
Luminous Intensity
Peak Wavelength
Items
Viewing Angle
Forward Voltage
125
80
Iv
2θ 1/2
λp
△λ
VF
20
----
1.5
----
120
----
----
660
Symbol
Min.
Typ.
IF=20mA
mcd
IF=20mA
IF=20mA
IF=20mA
IF=20mA
nm
deg
V
nm
CONDITION
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25℃
Page 3/11
PART NO. LG-020URL
Power Dissipation
Forward Current
Electrostatic Discharge
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/11@10KHz
Storage Temperature
- 40 ~ + 85
Topr
Tstg
- 40 ~ + 100
Symbol
PD
IFP
ESD
Ir
IF
Parameter
50
2000
40
96
120
Ratings
°C
°C
mA
μA
V
UNIT
mW
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com