Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-020URL Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG-020URL
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020URL Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG-020URL Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Recommended Soldering Pad Dimensions
Note : The tolerances unless mentioned is ±0.1mm,Angle±0.5. Unit=mm.
Note : 1.All dimension are in millimeter tolerance is ±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/11
PART NO. LG-020URL
2.1
1.5
0.85
1.5
2.3
1.9
3.8
3.6
0.7
0.45
0.6
0.63
1.2
0.75
Cathode
Polarity
0.7
0.63
Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com