Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-020URL Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LG-020URL
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020URL Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LG-020URL Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 11Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Aluminum Moist-Proof bag
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Packing Specifications
‧
LG-020URL
Part No.
12.0mm tape,7"reel
Description
Note : The tolerances unless mentioned is
±0.1mm,Unit=mm.
Carrier Type Dimensions
3000 PCS
Quantity/Reel
Page 6/11
PART NO. LG-020URL
1. 5
2
4
4
1.75
0.72
12
0.279
4
5.5
Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com