Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC6-1U2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAULC6-1U2
Description  Single-line unidirectional ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-1U2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAULC6-1U2 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
June 2012
Doc ID 023270 Rev 1
1/10
10
ESDAULC6-1U2
Single-line unidirectional ESD protection for high speed interface
Datasheet
− production data
Features
■
Unidirectional device
■
Ultralow diode capacitance: 0.8 pF
■
Low leakage current
■
0201 SMD package size compatible
■
Ultra small PCB area: 0.18 mm2
■
RoHS compliant
■
ECOPACK®2 compliant package
Complies with the following standards:
■
IEC 61000-4-2 level 4
– ±15 kV air discharge
– ±8 kV contact discharge
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■
Smartphone, mobile phone and accessories
■
Tablet PC, netbook and notebook
■
Portable multimedia device and accessories
■
Digital camera and camcorder
■
Communication and highly integrated systems
Description
The ESDAULC6-1U2 is a unidirectional single line
TVS diode designed to protect the data lines or
other I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
Figure 1.
Functional diagram (top view)
TM: Transil is a trademark of STMicroelectronics
Pin 1 available in different forms
ST0201 package
www.st.com


Similar Part No. - ESDAULC6-1U2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-3BF2 STMICROELECTRONICS-ESDAULC6-3BF2 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
More results

Similar Description - ESDAULC6-1U2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
Single-line bidirectional ESD protection for high speed interface
21-Sep-2012
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
Single-line bidirectional ESD protection for high speed interface
25-Feb-2015
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
ESDAXLC5-1U2 STMICROELECTRONICS-ESDAXLC5-1U2 Datasheet
346Kb / 12P
Low clamping, single-line unidirectional ESD protection for high speed interface
25-Jan-2016
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com