Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC6-1U2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAULC6-1U2
Description  Single-line unidirectional ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-1U2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAULC6-1U2 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAULC6-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDAULC6-1U2
Characteristics
Doc ID 023270 Rev 1
3/10
Figure 7.
S21 attenuation measurement results
Figure 3.
Variation of leakage current versus
junction temperature (typical
values)
Figure 4.
Junction capacitance versus
applied voltage (typical values)
IR (nA)
0.01
0.10
1.00
10.00
100.00
25
50
75
100
125
150
Tj (°C)
C(pF)
0
200
400
600
800
1000
1200
0
500
1000
1500
2000
2500
3000
VR (V)
Figure 5.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20 V/div
84 V
24 V
20 V
17 V
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
1
2
2
3
4
4
3
20 V/div
-90 V
-12 V
-10 V
-5 V
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
1
2
2
3
4
4
3
S21 (dB)
100k
1M
10M
100M
1G
10G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
F (Hz)
Average
Performance
(50
Ω System)
Pass band
attenuation
0.05 dB
-3 dB point
5.2 GHz
Attenuation
(0.8 – 4GHz)
< 1.9 dB
0.1 dB @ 900 MHz
0.5 dB @ 1.8 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com