Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T254V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 3Page - STMicroelectronics M48T254V Datasheet HTML 4Page - STMicroelectronics M48T254V Datasheet HTML 5Page - STMicroelectronics M48T254V Datasheet HTML 6Page - STMicroelectronics M48T254V Datasheet HTML 7Page - STMicroelectronics M48T254V Datasheet HTML 8Page - STMicroelectronics M48T254V Datasheet HTML 9Page - STMicroelectronics M48T254V Datasheet HTML 10Page - STMicroelectronics M48T254V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
M48T254V
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. DC and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 7. AC Testing Load Circuit
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 3V. Sampled only; not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs were deselected.
Parameter
M41T254V
VCC Supply Voltage
3.0 to 3.6V
Ambient Operating Temperature
0 to 70°C
Load Capacitance (CL)
50pF
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
CL = 50 pF
DEVICE
UNDER
TEST
645
Ω
AI04644
1.75V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance (A0-A18, OE, WE, CE)40
pF
Input Capacitance (A19-A20)
10
pF
COUT
Output Capacitance (BL)20
pF
CIO
(3)
Input / Output Capacitance
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com