Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T254V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 8Page - STMicroelectronics M48T254V Datasheet HTML 9Page - STMicroelectronics M48T254V Datasheet HTML 10Page - STMicroelectronics M48T254V Datasheet HTML 11Page - STMicroelectronics M48T254V Datasheet HTML 12Page - STMicroelectronics M48T254V Datasheet HTML 13Page - STMicroelectronics M48T254V Datasheet HTML 14Page - STMicroelectronics M48T254V Datasheet HTML 15Page - STMicroelectronics M48T254V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
M48T254V
12/24
Table 7. AC Electrical Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
2. These parameters are sampled with a 5 pF load are not 100% tested.
3. tWP is specified as the logical AND of CE and WE. tWP is measured from the latter of CE or WE going low to the earlier of CE or
WE going high.
4. tWR is a function of the latter occurring edge of WE or CE.
Symbol
Parameter(1)
M48T254V
Unit
Min
Max
tAVAV
tRC
READ Cycle Time
100
ns
tAVQV
tACC
Access Time
100
ns
tELQV
tCO
Chip Enable Low to Output Valid
100
ns
tGLQV
tOE
Output Enable Low to Output Valid
55
ns
tELQX
tCOE
(2)
Chip Enable or Output Enable Low to Output Transition
5
ns
tAXQX
tOH
Output Hold from Address Change
5
ns
tEHQZ
tOD
(2)
Chip Enable High to Output Hi-Z
35
ns
tGHQZ
tODO
(2)
Output Enable High to Output Hi-Z
35
ns
tWLQZ
tODW
(2)
Output Hi-Z from WE
35
ns
tAVAV
tWC
WRITE Cycle Time
100
ns
tWLWH
tELEH
tWP
(3)
WE, CE Pulse Width
70
ns
tAVEL
tAW
Address Setup Time
0
ns
tWHAX
tAH1
Address Hold Time from WE
5ns
tEHAX
tAH2
Address Hold Time from CE
25
ns
tWHQX
tOEW
(2)
Output Active from WE
5ns
tDVEH
tDVWH
tDS
Data Setup Time
40
ns
tWHDX
tDH1
Data Hold Time from WE
0ns
tEHDX
tDH2
Data Hold Time from CE
20
ns
tRR
READ Recovery (Clock Access Only)
20
ns
tWR
(4)
WRITE Recovery (Clock Access Only)
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com