Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58643 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA58643
Description  Excellent overload capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58643 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA58643 Datasheet HTML 1Page - NXP Semiconductors SA58643 Datasheet HTML 2Page - NXP Semiconductors SA58643 Datasheet HTML 3Page - NXP Semiconductors SA58643 Datasheet HTML 4Page - NXP Semiconductors SA58643 Datasheet HTML 5Page - NXP Semiconductors SA58643 Datasheet HTML 6Page - NXP Semiconductors SA58643 Datasheet HTML 7Page - NXP Semiconductors SA58643 Datasheet HTML 8Page - NXP Semiconductors SA58643 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The SA58643 is a wideband RF switch fabricated in BiCMOS technology and
incorporating on-chip CMOS/TTL compatible drivers. Its primary function is to switch
signals in the frequency range DC to 1 GHz from one 50
Ω channel to another. The switch
is activated by a CMOS/TTL compatible signal applied to the enable channel 1 pin
(ENCH1).
The extremely low current consumption makes the SA58643 ideal for portable
applications. The excellent isolation and low loss makes this a suitable replacement for
PIN diodes.
The SA58643 is available in an 8-pin TSSOP package.
2.
Features
I Wideband (DC to 1 GHz)
I Low through loss (1 dB typical at 200 MHz)
I Unused input is terminated internally in 50 Ω
I Excellent overload capability (1 dB gain compression point +18 dBm at 300 MHz)
I Low DC power (170 µA from 5 V supply)
I Fast switching (20 ns typical)
I Good isolation (off channel isolation 60 dB at 100 MHz)
I Low distortion (IP3 intercept +33 dBm)
I Good 50 Ω match (return loss 18 dB at 400 MHz)
I Full ESD protection
I Bidirectional operation
3.
Applications
I Digital transceiver front-end switch
I Antenna switch
I Filter selection
I Video switch
I FSK transmitter
SA58643
Single-Pole Double-Throw (SPDT) switch
Rev. 01 — 20 November 2006
Product data sheet


Similar Part No. - SA58643

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58641DK PHILIPS-SA58641DK Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results

Similar Description - SA58643

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
Excellent Clamping Capability
logo
Shanghai Semitech Semic...
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
Excellent Clamping Capability
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
Excellent clamping capability
3KP SEMITECH-3KP Datasheet
500Kb / 4P
Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
SM8SXXA SEMITECH-SM8SXXA Datasheet
434Kb / 4P
Excellent clamping capability
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
logo
Micro Commercial Compon...
ESDLC5V0D9-TP MCC-ESDLC5V0D9-TP Datasheet
413Kb / 3P
Excellent clamping capability
logo
Shanghai Leiditech Elec...
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
Excellent clamping capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com