Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58643 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA58643
Description  Excellent overload capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58643 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58643 Datasheet HTML 1Page - NXP Semiconductors SA58643 Datasheet HTML 2Page - NXP Semiconductors SA58643 Datasheet HTML 3Page - NXP Semiconductors SA58643 Datasheet HTML 4Page - NXP Semiconductors SA58643 Datasheet HTML 5Page - NXP Semiconductors SA58643 Datasheet HTML 6Page - NXP Semiconductors SA58643 Datasheet HTML 7Page - NXP Semiconductors SA58643 Datasheet HTML 8Page - NXP Semiconductors SA58643 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SA58643_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
3 of 16
NXP Semiconductors
SA58643
Single-Pole Double-Throw (SPDT) switch
7.
Equivalent circuit
8.
Limiting values
[1]
Maximum dissipation is determined by the operating ambient temperature and the thermal resistance,
Rth(j-a): TSSOP8: Rth(j-a) = 220 K/W.
9.
Recommended operating conditions
Fig 3.
Equivalent circuit
INPUT
ENCH1
(logic 0 level)
1
3
4
2
5
6
7
8
OUT1
002aab711
CONTROL
LOGIC
VDD
+5 V
20 k
Ω
20 k
Ω
50
Ω
50
Ω
AC bypass
OUT2
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+5.5
V
P
power dissipation
Tamb =25 °C
(still air)
[1] -
568
mW
Tj(max)
maximum junction temperature
-
150
°C
PINPUT_OUT1_OUT2
power on pin INPUT or on
pin OUT1 or on pin OUT2
-
20
dBm
Tstg
storage temperature
−65
+150
°C
Table 4.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
-
5.5
V
Tamb
ambient temperature
SA grade
−40
-
+85
°C
Tj
junction temperature
SA grade
−40
-
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com