Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6209R Datasheet HTML 1Page - Infineon Technologies AG TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
3
2001-10-15
1.2.1
Pin Definitions and Functions
Pin No. Symbol Function
1, 10,
11, 20
GND
Ground; internally connected to cooling tab (heat slug); to reduce
thermal resistance place cooling areas and thermal vias on PCB.
2,3
OUT1
Output 1; output of D-MOS half bridge 1; external connection
between pin 2 and pin 3 is necessary.
4,17
V
S
Power supply; needs a blocking capacitor as close as possible to
GND; 47
µF electrolytic in parallel to 220 nF ceramic is
recommended; external connection between pin 4 and pin 17 is
necessary.
5SCLK
Serial clock input; clocks the shiftregister; SCLK has an internal
active pull down and requires CMOS logic levels
6SDI
Serial data input; receives serial data from the control device;
serial data transmitted to SDI is an 8 bit control word with the Least
Significant Bit (LSB) being transferred first; the input has an active
pull down and requires CMOS logic levels; SDI will accept data on
the falling edge of SCLK-signal; see Table 1 for input data protocol.
7SDO
Serial-Data-Output; this tri-state output transfers diagnosis data to
the control device; the output will remain tri-stated unless the device
is selected by a low on Chip-Select-Not (CSN); SDO state changes
on the rising edge of SCLK; see Table 4 for diagnosis protocol.
8CSN
Chip-Select-Not input; CSN is an active low input; serial
communication is enabled by pulling the CSN terminal low; CSN
input should only be transitioned when SCLK is low; CSN has an
internal active pull up and requires CMOS logic levels.
9INH
Inhibit input; has an internal pull down; device is switched in
standby condition by pulling the INH terminal low.
12
DIS
Disable input; has an internal pull up; the output stages are
switched in tristate condition by pulling the DIS terminal high.
13
DIR
Direction input; has an internal pull down; TTL/CMOS compatible
input.
14
PWM
PWM input; has an internal pull down; TTL/CMOS compatible
input.
15
V
CC
Logic supply voltage; needs a blocking capacitor as close as
possible to GND; 10
µF electrolytic in parallel to 220 nF ceramic is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com