Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
8
2001-10-15
2.3.3
Direction and PWM
The power stages are controlled by the direct inputs DIR and PWM as given in Table 6
and further illustrated in Figure 2. The DIR input gives the direction of output current,
while the PWM input controls whether the current is increased or reduced. The SPI
control bit 2 sets the decay mode, i.e. determines what happens if PWM = L. In pulse-
width modulated applications, this control scheme allows to supply the PWM-signal
always through the same port, using less controller resources.
Figure 2
DIR/PWM Control with Slow- and Fast Decay
Table 6
Functional Truth Table
DIR
PWM
MODE
(Bit 2)
OUT1
OUT2
Comments
01
0
(slow decay)
H
L
Motor turns clockwise
0
0
H
H
Freewheel with slow decay
1
1
L
H
Motor turns counterclockwise
1
0
H
H
Freewheel with slow decay
01
1
(fast decay)
H
L
Motor turns clockwise
0
0
L
H
Fast decay
1
1
L
H
Motor turns counterclockwise
1
0
H
L
Fast decay
M
M
PWM = H
PWM = L
M
M
PWM = H
PWM = L
Slow Decay
Fast Decay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com