Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG TLE6209R Datasheet HTML 17Page - Infineon Technologies AG TLE6209R Datasheet HTML 18Page - Infineon Technologies AG TLE6209R Datasheet HTML 19Page - Infineon Technologies AG TLE6209R Datasheet HTML 20Page - Infineon Technologies AG TLE6209R Datasheet HTML 21Page - Infineon Technologies AG TLE6209R Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
18
2001-10-15
Inhibit Input
H-input voltage threshold
V
IINHH
––
0.7
V
CC
–
L-input voltage threshold
V
IINHL
0.2
––
V
CC
–
Hysteresis of input voltage
V
IINHHY
50
300
500
mV
–
Pull down current (low)
I
IINHL
10
25
50
µA
V
IINH = 0.2 × VCC
Pull down current (high)
I
IINHH
––
80
µA
V
IINH = 0.7 × VCC
Disable Input
H-input voltage threshold
V
IDISH
––
0.7
V
CC
–
L-input voltage threshold
V
IDISL
0.2
––
V
CC
–
Hysteresis of input voltage
V
IDISHY
50
300
500
mV
–
Pull up current (high)
I
IDISH
– 50
– 25
– 10
µA
V
IDIS = 0.7 × VCC
Pull up current (low)
I
IDISL
– 50
––
µA
V
IDIS = 0.2 × VCC
Direction/PWM Input
H-input voltage threshold
V
IH
––
0.7
V
CC
–
L-input voltage threshold
V
IL
0.2
––
V
CC
–
Hysteresis of input voltage
V
IHY
50
300
500
mV
–
Pull down current (low)
I
I
10
25
50
µA
V
I= 0.2 × VCC
Pull down current (high)
I
I
––
50
µA
V
I= 0.7 × VCC
3.3
Electrical Characteristics (cont’d)
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com