Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLFD600 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 3 Page - Texas Instruments

  TLFD600 Datasheet HTML 1Page - Texas Instruments TLFD600 Datasheet HTML 2Page - Texas Instruments TLFD600 Datasheet HTML 3Page - Texas Instruments TLFD600 Datasheet HTML 4Page - Texas Instruments TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
TX DAC
FSR
FSX
SDR
SDX
SCLK
276 Ksps/
552 Ksps
Digital
HPF
Digital
LPF
25.875 kHz
138 kHz
14 Bit
4.416 Msps
TX
LPF
138 kHz
PAA
LD
RX
LPF
1104 Ksps/
2208 Ksps
ADC
PGA
LPF
Equalizer
PGA
HPF
PGA
14 Bit
4.416 Msps
0 to 9 dB
(1 dB/Step)
RX PGA3
552 kHz/
1104 kHz
180 kHz
0 to 25 dB/MHz
5 dB/MHz Step
0 to 30 dB
(3 dB/Step)
RX PGA2
–9 to +9 dB @ 6 dB/Step
+9 to 30 dB @ 3 dB/Step
RX CPGA (See Note)
AUX
Amplifiers (2)
General
Purpose I/O
Internal Reference
Clock Generator
VCXO
VCXO
DAC
0 to –24 dB
(–1 dB/Step)
TX PGA
VCXO
MCLKIN
CLK1OUT/
CLK2OUT
CLK1SEL/
CLKOUT_EN
REFM/REFP
VMID_ADC
TXBANDGAP/
RXBANDGAP
Internal Clock
GPIO0-GPIO1
GPO2-GPO5
AMPINP/
AMPINM
AMPOUTP/
AMPOUTM
RXINP/
RXINM
DRIVEROUTP/
DRIVEROUTM
DRIVERINP/
DRIVERINM
TXOUTP/
TXOUTM
552 kHz/
1104 kHz
TX Line Driver
35.328 MHz
Digital Loopback
Analog Loopback
HPF
180 kHz
DPLL
PLLSEL
NOTE: The CPGA gain range setting is related to the external components (R and C) that are connected to RXINP/M. Refer to the receiver channel
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com