Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLFD600 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 3Page - Texas Instruments TLFD600 Datasheet HTML 4Page - Texas Instruments TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments TLFD600 Datasheet HTML 10Page - Texas Instruments TLFD600 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive channel (continued)
For example: If R = 2063
Ω, the external capacitor (C) needs to be 240 pF. The gain setting for CPGA changes
to the following range: –18 dB to 0 dB in 6 dB/steps and 0 dB to 21 dB in 3 dB/steps. The 9 dB shifting is calculated
by using the following equation:
20
log
2063
732
+ 9dB
The linearity of the external capacitors and inductors is very important to the whole RX channel performance.
Capacitors of NPO grade or better need to be used.
clock control-VCXO
A 12-bit, serial DAC is used to control the external 35.328-MHz VCXO (voltage control oscillator) that provides
the system clock to the CODEC. Two 8-bit registers, (each 2s complement) VCRM and VCRL, are used to
generate the 12-bit control code. This implies using two 8-bits to obtain a 12-bit code. The VCRM register
occupies the most significant 8 bits in the 12-bit code and the lower 4 bits of the VCRL register (VCRL[3:0]) are
used for the low 4 bits of the 12-bit code. The internal DAC register is updated only when VCRL is programmed.
Table 1 shows some representative analog outputs.
Table 1. VCXO DAC Digital-Analog Mapping
OPERATION
HEX RESULT
ANALOG OUTPUT
COMMENTS
VCRM[7:0]
× 24 + VCRL[3:0]
0x800
0 V
Min scale
0x801
∆V
Just above min
…
…
…
0xFFF
2047
∆V
Just below mid
0x000
2048
∆V
Mid scale
0x001
2049
∆V
Just above mid
…
…
…
0x7FE
4094
∆V
Just below max
0x7FF
4095
∆V
Max scale
Where step-size,
∆ = (3/4095) V.
1. The analog output is computed as follows: ((VCRM[7:0]
× 24 + VCRL[3:0]) + 2048(decimal)) × ∆.
2. Step-size
∆ is computed as follows: 0 x 800 (–2048 decimal) is 0 V and 0x7FF (2047 decimal) is 3 V. Thus,
∆ = (3 – 0) / (2047 – (–2048)) V = (3/4095) V
clock generation
The clock generation block provides the necessary clocks for the different functional blocks on the board with
minimum skew and jitters. This is closely dependent on the performance of the external VCXO. The external
VCXO specification is:
D 3.3-V supply
D 35.328 MHz ±50 PPM
D Minimum duty cycle is 60/40 (50/50 is the best)
The on-chip clocks are shown in Table 2. CLK1OUT and CLK2OUT can be used as general clock sources, or
they can be disabled if they are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com