Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4401 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4401
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4401 Datasheet HTML 4Page - Linear Technology LTC4401 Datasheet HTML 5Page - Linear Technology LTC4401 Datasheet HTML 6Page - Linear Technology LTC4401 Datasheet HTML 7Page - Linear Technology LTC4401 Datasheet HTML 8Page - Linear Technology LTC4401 Datasheet HTML 9Page - Linear Technology LTC4401 Datasheet HTML 10Page - Linear Technology LTC4401 Datasheet HTML 11Page - Linear Technology LTC4401 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT5516
9
5516f
The LT5516 is a direct I/Q demodulator targeting high
linearity receiver applications, including wireless infra-
structure. It consists of an RF amplifier, I/Q mixers, a
quadrature LO carrier generator and bias circuitry.
The RF signal is applied to the inputs of the RF amplifier
and is then demodulated into I/Q baseband signals using
quadrature LO signals. The quadrature LO signals are
internally generated by precision 90
° phase shifters. The
demodulated I/Q signals are lowpass filtered internally
with a –3dB bandwidth of 265MHz. The differential out-
puts of the I-channel and Q-channel are well matched in
amplitude; their phases are 90
° apart.
RF Input Port
Differential drive is highly recommended for the RF inputs
to minimize the LO feedthrough to the RF port and to
maximize gain. (See Figure 2.) A 1:4 transformer is used
on the demonstration board for wider bandwidth match-
ing. To assure good NF and maximize the demodulator
gain, a low loss transformer is employed. Shunt inductor
L1, with high resonance frequency, is required for proper
impedance matching. Single-ended to differential conver-
sion can also be implemented using narrow band, discrete
L-C circuits to produce the required balanced waveforms
at the RF+ and RF– inputs.The differential impedance of
the RF inputs is listed in Table 1.
Table 1. RF Input Differential Impedance
FREQUENCY
DIFFERENTIAL INPUT
DIFFERENTIAL S11
(MHz)
IMPEDANCE (
Ω)
MAG
ANGLE (˚)
800
258.7-j195.2
0.779
–16.9
900
239.9-j181.8
0.766
–18.3
1000
224.1-j170.0
0.753
–19.6
1100
210.9-j160.0
0.740
–20.9
1200
200.7-j152.1
0.729
–21.9
1300
191.4-j144.7
0.718
–23.0
1400
183.2-j138.3
0.707
–24.0
1500
176.5-j133.1
0.698
–24.9
The RF+ and RF– inputs (Pins 2, 3) are internally biased at
2.44V. These two pins should be DC blocked when con-
nected to ground or other matching components. The RF
input equivalent circuit is shown in Figure 5.
APPLICATIO S I FOR ATIO
An external resistor (R1) is connected to Pin 6 (VCM) to set
the optimum DC current for I/Q mixer linearity. The IIP3 can
be improved with a smaller R1 at a price of slightly higher
NF and ICC. The RF performances of NF, IIP3 and IIP2 vs
R1 are shown in the Typical Performance Characteristics.
LO Input Port
The LO inputs (Pins 10,11) should be driven differentially
to minimize LO feedthrough to the RF port. This can be
accomplished by means of a single-ended to differential
conversion as shown in Figure 2. L4, the 27nH shunt
inductor, serves to tune out the capacitive component of
the LO differential input. The resonance frequency of the
inductor should be greater than the operating frequency.
A 1:4 transformer is used on the demo board to match the
200
Ω on-chip resistance to a 50Ω source. Figure 6 shows
the LO input equivalent circuit and the associated match-
ing network.
Single-ended to differential conversion at the LO inputs
can also be implemented using a discrete L-C circuit to
produce a balanced waveform without a transformer.
An alternative solution is a simple single-ended termina-
tion. However, the LO feedthrough to RF may be degraded.
Either LO+ or LO– input can be terminated to a 50
Ω source
with a matching circuit, while the other input is connected
to ground through a 100pF bypass capacitor.
Table 2 shows the differential input impedance of the LO
input port.
Table 2. LO Input Differential Impedance
FREQUENCY
DIFFERENTIAL INPUT
DIFFERENTIAL S11
(MHz)
IMPEDANCE (
Ω)
MAG
ANGLE (˚)
800
134.7-j65.1
0.552
–22.5
900
128.5-j66.7
0.517
–25.4
1000
121.8-j67.5
0.512
–28.5
1100
115.7-j67.2
0.505
–31.8
1200
109.3-j66.1
0.498
–35.0
1300
103.0-j64.4
0.490
–38.3
1400
96.7-j62.1
0.480
–42.0
1500
91.0-j59.4
0.469
–45.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com