Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4401 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4401
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4401 Datasheet HTML 4Page - Linear Technology LTC4401 Datasheet HTML 5Page - Linear Technology LTC4401 Datasheet HTML 6Page - Linear Technology LTC4401 Datasheet HTML 7Page - Linear Technology LTC4401 Datasheet HTML 8Page - Linear Technology LTC4401 Datasheet HTML 9Page - Linear Technology LTC4401 Datasheet HTML 10Page - Linear Technology LTC4401 Datasheet HTML 11Page - Linear Technology LTC4401 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT5516
12
5516f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0503 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
RF Power Controllers
LTC1757A
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC1758
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC1957
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC4400
SOT-23 RF PA Controller
Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 450kHz Loop BW
LTC4401
SOT-23 RF PA Controller
Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 250kHz Loop BW
LTC4403
RF Power Controller for EDGE/TDMA
Multiband GSM/GPRS/EDGE Mobile Phones
LT5500
RF Front End
Dual LNA gain Setting +13.5dB/–14dB at 2.5GHz, Double-Balanced Mixer,
1.8V
≤ VSUPPLY ≤ 5.25V
LT5502
400MHz Quadrature Demodulator with RSSI
1.8V to 5.25V Supply, 70MHz to 400MHz IF, 84dB Limiting Gain, 90dB RSSI Range
LT5503
1.2GHz to 2.7GHz Direct IQ Modulator and
1.8V to 5.25V Supply, Four-Step RF Power Control, 120MHz Modulation Bandwidth
Up Converting Mixer
LT5504
800MHz to 2.7GHz RF Measuring Receiver
80dB Dynamic Range, Temperature Compensated, 2.7V to 5.5V Supply
LTC5505
300MHz to 3.5GHz RF Power Detector
>40dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply
LT5506
500MHz Quadrature IF Demodulator with VGA
1.8V to 5.25V Supply, 40MHz to 500MHz IF, –4dB to 57dB Linear Power Gain
LTC5507
100kHz to 1GHz RF Power Detector
48dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply
LTC5508
300MHz to 7GHz RF Power Detector
SC70 Package
LTC5509
300MHz to 3GHz RF Power Detector
36dB Dynamic Range, SC70 Package
LT5511
High Signal Level Up Converting Mixer
RF Output to 3GHz, 17dBm IIP3, Integrated LO Buffer
LT5512
High Signal Level Down Converting Mixer
DC-3GHz, 20dBm IIP3, Integrated LO Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com